Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1703AT-1502E/MB Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1703AT-1502E/MB
Description  250 mA, 16V, Low Quiescent Current LDO Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703AT-1502E/MB Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1703AT-1502E/MB Datasheet HTML 9Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 10Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 11Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 12Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 13Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 14Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 15Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 16Page - Microchip Technology MCP1703AT-1502E/MB Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
 2012-2013 Microchip Technology Inc.
DS20005122B-page 13
MCP1703A
5.0
FUNCTIONAL DESCRIPTION
The MCP1703A CMOS low dropout linear regulator is
intended for applications that need the lowest current
consumption
while
maintaining
output
voltage
regulation. The operating continuous load range of the
MCP1703A is from 0 mA to 250 mA (VR ≥ 2.5V). The
input operating voltage ranges from 2.7V to 16.0V,
making it capable of operating from two or more
alkaline cells or single and multiple Li-Ion cell batteries.
5.1
Input
The input of the MCP1703A is connected to the source
of the P-Channel PMOS pass transistor. As with all
LDO circuits, a relatively low source impedance (10
Ω)
is needed to prevent the input impedance from causing
the LDO to become unstable. The size and type of the
capacitor needed depends heavily on the input source
type (e.g., battery, power supply) and the output current
range of the application. To ensure circuit stability, a
1 µF ceramic capacitor is sufficient for most
applications up to 100 mA. Larger values can be used
to improve circuit AC performance. The capacitance of
the input capacitor should be equal to or greater than
the capacitance of the selected output capacitor to
ensure energy is available to keep the output capacitor
charged during dynamic load changes.
5.2
Output
The maximum rated continuous output current for the
MCP1703A is 250 mA (VR ≥ 2.5V). For applications
where VR < 2.5V, the maximum output current is
200 mA.
A minimum output capacitance of 1.0 µF is required for
small signal stability in applications that have up to
250 mA output current capability. The capacitor type
can be ceramic, tantalum or aluminum electrolytic. The
Equivalent Series Resistance (ESR) range on the
output capacitor ranges from 0
Ω to 2.0Ω.
The output capacitor range for ceramic capacitors is
1 µF to 22 µF. Higher output capacitance values may
be used for tantalum and electrolytic capacitors. Higher
output capacitor values pull the pole of the LDO
transfer function inward that results in higher phase
shifts which in turn cause a lower crossover frequency.
The circuit designer should verify the stability by
applying line step and load step testing to their system
when using capacitance values greater than 22 µF.
5.3
Output Rise Time
When powering up the internal reference output, the
typical output rise time of 600 µs is controlled to
prevent overshoot of the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com