Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1501-18E/RW Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1501-18E/RW
Description  High-Precision Buffered Voltage Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501-18E/RW Datasheet(HTML) 3 Page - Microchip Technology

  MCP1501-18E/RW Datasheet HTML 1Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 2Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 3Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 4Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 5Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 6Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 7Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 8Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
 2015-2016 Microchip Technology Inc.
DS20005474C-page 3
MCP1501
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VDD.............................................................................................................................................................................5.5V
Maximum current into VDD pin ............................................................................................................................... 30 mA
Clamp current, IK (VPIN < 0 or VPIN > VDD)...........................................................................................................±20 mA
Maximum output current sunk by OUTPUT pin ......................................................................................................30 mA
Maximum output current sourced by OUTPUT pin .................................................................................................30 mA
(HBM:CDM:MM)................................................................................................................................ (2 kV:±1.5 kV:200V)
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operation listings of this specification is not implied. Exposure above maximum rating conditions for
extended periods may affect device reliability.
TABLE 1-1:
DC CHARACTERISTICS
Electrical Characteristics: Unless otherwise specified, VDD(MIN) VDD  5.5V at -40C  TA  +125C.
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Voltage
VDD
1.65
—
5.5
V
MCP1501-10
VDD
1.7
—
5.5
V
MCP1501-12
VDD
2.0
—
5.5
V
MCP1501-18
VDD
2.25
—
5.5
V
MCP1501-20
VDD
2.70
—
5.5
V
MCP1501-25
VDD
3.2
—
5.5
V
MCP1501-30
VDD
3.5
—
5.5
V
MCP1501-33
VDD
4.3
—
5.5
V
MCP1501-40
Power-on-Reset
Release Voltage
VPOR
—1.45
—
V
Power-on-Reset
Rearm Voltage
——
0.8
—
V
Output Voltage MCP1501-10
VOUT
1.0232
1.024
1.0248
V
MCP1501-12
1.2490
1.250
1.2510
V
MCP1501-18
1.7985
1.800
1.8015
V
MCP1501-20
2.0460
2.048
2.0500
V
MCP1501-25
2.4980
2.500
2.5020
V
MCP1501-30
2.9975
3.000
3.0025
V
MCP1501-33
3.2975
3.300
3.3025
V
MCP1501-40
4.0925
4.096
4.0995
V
Temperature
Coefficient
MCP1501-XX
TC
—
10
50
ppm/
C
Line
Regulation
VOUT /
VIN
—
—
50
ppm/V
Load
Regulation
VOUT /
IOUT
—
—
40 ppm –
sink
70 ppm –
source
ppm/mA -5 mA < ILOAD <+5mA
Dropout
Voltage
VDO
—
—
200
mV
-5 mA < ILOAD <+2mA
Power Supply
Rejection
Ratio
PSRR
94 dB
1.024V option, VIN =5.5V,
1kHz at 100mVP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com