Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1501-18E/RW Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1501-18E/RW
Description  High-Precision Buffered Voltage Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501-18E/RW Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1501-18E/RW Datasheet HTML 11Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 12Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 13Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 14Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 15Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 16Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 17Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 18Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
 2015-2016 Microchip Technology Inc.
DS20005474C-page 15
MCP1501
3.0
PIN FUNCTION TABLE
The pin functions are described in Table 3-1.
3.1
Buffered VREF Output (OUT)
This is the Buffered Reference Output. On the WDFN
and SOIC package, this should be connected to the
FEEDBACK pin at the device. The output driver is
tristated when in shutdown.
3.2
Buffered VREF Feedback
(FEEDBACK)
This is the buffer amplifier feedback pin. On the WDFN
and SOIC package, this should be connected to the
OUT pin at the device. This connection is internal on
the SOT-23 package. Note that if there is routing
impedance or IR-drop between the OUT and
FEEDBACK pins, it is the FEEDBACK pin which accu-
rately holds the output voltage. This can be used in an
application to remove IR-drop effects on output voltage
caused by the Printed Circuit Board (PCB) or
interconnect resistance with a high-current load.
3.3
System Ground (GND)
This is the power supply return and should be
connected to system ground.
3.4
Shutdown Pin (SHDN)
This is a digital input that will place the device in
Shutdown. This pin is active low.
3.5
Power Supply Input (VDD)
This power pin also serves as the input voltage for the
voltage reference. Refer to the Electrical Tables to
determine minimum voltage, based on the device.
3.6
Exposed Thermal Pad (EP)
Not internally connected, but recommend grounding.
TABLE 3-1:
PIN FUNCTION TABLE
SOT-23
SOIC
2 x 2 WDFN
Symbol
Function
18
8
OUT
Buffered VREF Output
—
7
7
FEEDBACK
Buffered VREF Feedback
2,3,5
2,4,5,6
2,4,5,6
GND
System Ground
4
3
3
SHDN
Shutdown Pin Active Low
61
1
VDD
Power Supply Input
—
—
9
EP
Exposed Thermal Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com