Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1501-18E/RW Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1501-18E/RW
Description  High-Precision Buffered Voltage Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501-18E/RW Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1501-18E/RW Datasheet HTML 2Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 3Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 4Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 5Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 6Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 7Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 8Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 9Page - Microchip Technology MCP1501-18E/RW Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
MCP1501
DS20005474C-page 6
 2015-2016 Microchip Technology Inc.
1.1.6
LOAD REGULATION
An ideal voltage reference will maintain the specified
output voltage regardless of the load's current demand.
However, real devices experience a small error voltage
that deviates from the specified output voltage when a
load is present.
Load regulation is defined as the voltage difference
when under no load (VOUT @ IOUT|0) and under maxi-
mum load (VOUT @ IOUT|MAX), and is expressed as a
percentage, as shown in Equation 1-10.
EQUATION 1-10:
Similar to line regulation, load regulation may also be
expressed as %/mA or in ppm/mA as shown in
Equation 1-11 and Equation 1-12, respectively.
EQUATION 1-11:
EQUATION 1-12:
As an example, if the MCP1501-20 is implemented in a
design and a 10 µV change in output voltage is mea-
sured from a 2 mA change on the input, then the error
in percent, ppm, percent/volt, ppm/volt, as shown in
Equation 1-13 – Equation 1-16.
EQUATION 1-13:
EQUATION 1-14:
EQUATION 1-15:
EQUATION 1-16:
VOUT @ IOUT|0 VOUT @ IOUT|MAX
–
VOUT @ IOUT|MAX
-------------------------------------------------------------------------------------------------------------- 100%
% Load Regulation
=
V
OUT
V
OUT NOM

---------------------------------------



I
OUT
--------------------------------------------- 100%
%
mA
-------- Line Regulation
=
V
OUT
V
OUT NOM

---------------------------------------



I
OUT
--------------------------------------------- 10
6
ppm
mA
----------- Load Regulation
=
2.048V 2.04799V
–
2.04799V
----------------------------------------------- 100%
.
=
0004882%
2.048V 2.04799V
–
2.04799V
----------------------------------------------- 10
6
2.048V 2.04799V
–
2.04799V
-----------------------------------------------
10
6


=
4.882 ppm
=
V
OUT
VOUT NOM

------------------------------------



I
OUT
------------------------------------------
100%
10
V
2.048V
-----------------


2 mA
-----------------------





100%
0.2441
%
mA
--------
=
=
V
OUT
VOUT MAX

-----------------------------------



I
OUT
-----------------------------------------
10
6
10
V
2.048V
-----------------


2 mA
-----------------------





10
6
0.2441
ppm
mA
-----------
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com