Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F67751AIPEU Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F67751AIPEU
Description  Polyphase Metering SoCs
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F67751AIPEU Datasheet(HTML) 41 Page - Texas Instruments

Back Button MSP430F67751AIPEU Datasheet HTML 37Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 38Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 39Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 40Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 41Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 42Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 43Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 44Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 176 page
background image
MSP430F67791A
, MSP430F67781A, MSP430F67771A, MSP430F67761A, MSP430F67751A
MSP430F67691A
, MSP430F67681A, MSP430F67671A, MSP430F67661A, MSP430F67651A
MSP430F67491A, MSP430F67481A, MSP430F67471A, MSP430F67461A, MSP430F67451A
www.ti.com
SLAS983 – MAY 2014
5.8.3
Auxiliary Supplies
Table 5-18. Auxiliary Supplies, Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage range for all supplies at pins DVCC, AVCC, AUXVCC1, AUXVCC2,
VCC
1.8
3.6
V
AUXVCC3
PMMCOREVx = 0
1.8
3.6
PMMCOREVx = 1
2.0
3.6
Digital system supply voltage range,
VDSYS
V
VDSYS = VCC – RON × ILOAD
PMMCOREVx = 2
2.2
3.6
PMMCOREVx = 3
2.4
3.6
VASYS
Analog system supply voltage range, VASYS = VCC – RON × ILOAD
See modules
V
TA
Ambient temperature range
-40
85
°C
TA,HTOL
Ambient temperature during HTOL (module should be functional during HTOL)
150
°C
CVCC,CAUX1/2
Recommended capacitor at pins DVCC, AVCC, AUXVCC1, AUXVCC2
4.7
µF
CVSYS
Recommended capacitor at pins VDSYS1, VDSYS2 and VASYS1, VASYS2
4.7
µF
CVCORE
Recommended capacitance at pin VCORE
0.47
µF
CAUX3
Recommended capacitor at pin AUXVCC3
0.47
µF
Table 5-19. Auxiliary Supplies, AUXVCC3 (Backup Subsystem) Currents
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA
MIN
TYP
MAX
UNIT
25°C
0.86
AUXVCC3 current with
RTC and 32-kHz oscillator in
IAUX3,RTCon
3 V
µA
RTC enabled
backup subsystem enabled
85°C
1.2
25°C
120
AUXVCC3 current with
RTC and 32-kHz oscillator in
IAUX3,RTCoff
3 V
nA
RTC disabled
backup subsystem disabled
85°C
220
Table 5-20. Auxiliary Supplies, Auxiliary Supply Monitor
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOCKAUX = 0, AUXMRx = 0
Average supply current
AUX0MD = 0, AUX1MD = 0,
ICC,Monitor
for monitoring circuitry
AUX2MD = 1,
1.10
µA
drawn from VDSYS
VDSYS = DVCC, VASYS = AVCC,
Current measured at VDSYS
LOCKAUX = 0, AUXMRx = 0
Average current drawn
AUX0MD = 0, AUX1MD = 0,
from monitored supply
IMeas,Montior
AUX2MD = 1,
0.13
µA
during measurement
VDSYS = DVCC, VASYS = AVCC,
cycle
Current measured at AUXVCC1
VSVMH
VSVMH
VSVMH
(SVSMHRRLx
(SVSMHRRLx
(SVSMHRRLx
General
= AUXLVLx)
= AUXLVLx)
= AUXLVLx)
X - 5%
X + 5%
AUXLVLx = 0
1.65
1.75
1.85
AUXLVLx = 1
1.85
1.95
2.05
Auxiliary supply
VMonitor
threshold level (same as
V
AUXLVLx = 2
2.05
2.15
2.25
high-side SVM)
AUXLVLx = 3
2.15
2.25
2.35
AUXLVLx = 4
2.30
2.40
2.55
AUXLVLx = 5
2.57
2.70
2.83
AUXLVLx = 6
2.90
3.00
3.20
AUXLVLx = 7
2.90
3.00
3.20
Copyright © 2014, Texas Instruments Incorporated
Specifications
41
Submit Documentation Feedback
Product Folder Links: MSP430F67791A MSP430F67781A MSP430F67771A MSP430F67761A MSP430F67751A
MSP430F67691A MSP430F67681A MSP430F67671A MSP430F67661A MSP430F67651A MSP430F67491A
MSP430F67481A MSP430F67471A MSP430F67461A MSP430F67451A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com