Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F67751AIPEU Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F67751AIPEU
Description  Polyphase Metering SoCs
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F67751AIPEU Datasheet(HTML) 64 Page - Texas Instruments

Back Button MSP430F67751AIPEU Datasheet HTML 60Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 61Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 62Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 63Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 64Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 65Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 66Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 67Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 176 page
background image
Unified
Clock
System
512KB
256KB
128KB
Flash
MCLK
ACLK
SMCLK
CPUXV2
and
Working
Registers
(25 MHz)
EEM
(S: 8+2)
XIN
XOUT
JTAG,
SBW
Interface
Port PJ
eUSCI_A0
eUSCI_A1
eUSCI_A2
eUSCI_A3
(UART,
IrDA,SPI)
SD24_B
7 Channel
6 Channel
4 Channel
ADC10_A
10 Bit
200 KSPS
LCD_C
8MUX
Up to 320
Segments
REF
Reference
1.5 V, 2.0 V,
2.5 V
DVCC DVSS
AVCC AVSS
PA
I/O Ports
P1, P2
2×8 I/Os
Interrupt,
Wakeup
PA
1×16 I/Os
P1.x P2.x
RST/NMI
32KB
16KB
RAM
PJ.x
DMA
3 Channel
PMM
Auxiliary
Supplies
LDO
SVM, SVS
BOR
MPY32
SYS
Watchdog
Port
Mapping
Controller
CRC16
PD
I/O Ports
P7, P8
1×8 I/Os
1
PD
1×10 I/Os
×2 I/Os
P7.x
P8.x
PC
I/O Ports
P5, P6
2×8 I/Os
PC
1×16 I/Os
P5.x P6.x
PB
I/O Ports
P3, P4
2×8 I/Os
PB
1×16 I/Os
P3.x P4.x
eUSCI_B0
eUSCI_B1
(SPI, I C)
2
RTC_CE
(32 kHz)
AUX1 AUX2 AUX3
TA1
TA2
TA3
Timer_A
2 CC
Registers
Ta0
Timer_A
3 CC
Registers
COMP_B
(External
Voltage
Monitoring)
Unified
Clock
System
512KB
256KB
128KB
Flash
MCLK
ACLK
SMCLK
CPUXV2
and
Working
Registers
(25 MHz)
EEM
(S: 8+2)
XIN
XOUT
JTAG,
SBW
Interface
Port PJ
eUSCI_A0
eUSCI_A1
eUSCI_A2
eUSCI_A3
(UART,
IrDA,SPI)
SD24_B
7 Channel
6 Channel
4 Channel
ADC10_A
10 Bit
200 KSPS
LCD_C
8MUX
Up to 320
Segments
REF
Reference
1.5 V, 2.0 V,
2.5 V
DVCC DVSS
AVCC AVSS
PA
I/O Ports
P1, P2
2×8 I/Os
Interrupt,
Wakeup
PA
1×16 I/Os
P1.x P2.x
RST/NMI
32KB
16KB
RAM
PJ.x
DMA
3 Channel
PMM
Auxiliary
Supplies
LDO
SVM, SVS
BOR
MPY32
SYS
Watchdog
Port
Mapping
Controller
CRC16
PD
I/O Ports
P7, P8
2×8 I/Os
PD
1×16 I/Os
I/O Ports
P9, P10
2×8 I/O
PE
1×16 I/O
P7.x
P8.x
PC
I/O Ports
P5, P6
2×8 I/Os
PC
1×16 I/Os
P5.x P6.x
PB
I/O Ports
P3, P4
2×8 I/Os
PB
1×16 I/Os
P3.x P4.x
eUSCI_B0
eUSCI_B1
(SPI, I C)
2
RTC_CE
(32 kHz)
AUX1 AUX2 AUX3
TA1
TA2
TA3
Timer_A
2 CC
Registers
Ta0
Timer_A
3 CC
Registers
COMP_B
(External
Voltage
Monitoring)
I/O Ports
P11
1×6 I/O
PF
1×6 I/O
PF
P9.x P10.x
PE
P11.x
MSP430F67791A
, MSP430F67781A, MSP430F67771A, MSP430F67761A, MSP430F67751A
MSP430F67691A
, MSP430F67681A, MSP430F67671A, MSP430F67661A, MSP430F67651A
MSP430F67491A, MSP430F67481A, MSP430F67471A, MSP430F67461A, MSP430F67451A
SLAS983 – MAY 2014
www.ti.com
6.2
Functional Block Diagrams
Figure 6-1 shows the the functional block diagram for the MSP430F677x1A, MSP430F676x1A, and
MSP430F674x1A devices in the PEU package.
Figure 6-1. Functional Block Diagram – PEU Package
Figure 6-2 shows the the functional block diagram for the MSP430F677x1A, MSP430F676x1A, and
MSP430F674x1A devices in the PZ package.
Figure 6-2. Functional Block Diagram – PZ Package
64
Detailed Description
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F67791A MSP430F67781A MSP430F67771A MSP430F67761A MSP430F67751A
MSP430F67691A MSP430F67681A MSP430F67671A MSP430F67661A MSP430F67651A MSP430F67491A
MSP430F67481A MSP430F67471A MSP430F67461A MSP430F67451A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com