Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F67751AIPEU Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F67751AIPEU
Description  Polyphase Metering SoCs
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F67751AIPEU Datasheet(HTML) 83 Page - Texas Instruments

Back Button MSP430F67751AIPEU Datasheet HTML 79Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 80Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 81Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 82Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 83Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 84Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 85Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 86Page - Texas Instruments MSP430F67751AIPEU Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 176 page
background image
MSP430F67791A
, MSP430F67781A, MSP430F67771A, MSP430F67761A, MSP430F67751A
MSP430F67691A
, MSP430F67681A, MSP430F67671A, MSP430F67661A, MSP430F67651A
MSP430F67491A, MSP430F67481A, MSP430F67471A, MSP430F67461A, MSP430F67451A
www.ti.com
SLAS983 – MAY 2014
6.11.19 SD24_B Triggers
Table 6-19 shows the input trigger connections to SD24_B converters from Timer_A modules and output
trigger pulse connection from SD24_B to ADC10_A.
Table 6-19. SD24_B Input/Output Trigger Connections
MODULE OUTPUT
DEVICE OUTPUT
DEVICE INPUT SIGNAL
MODULE INPUT SIGNAL
MODULE BLOCK
SIGNAL
SIGNAL
SD24_B
ADC10_A (internal)
TA0.1 (internal)
Trigger Pulse
SD24CHx.SD24SCSx = 001b
ADC10SHSx = 011b
SD24_B
TA2.1 (internal)
SD24_B
SD24CHx.SD24SCSx = 010b
SD24_B
TA3.1 (internal)
SD24CHx.SD24SCSx = 011b
6.11.20 ADC10_A Triggers
Table 6-20 shows input trigger connections to ADC10_A from Timer_A modules and SD24_B.
Table 6-20. ADC10_A Input Trigger Connections
DEVICE INPUT SIGNAL
MODULE INPUT SIGNAL
MODULE BLOCK
ADC10_A
TA0.1 (internal)
ADC10SHSx = 001b
ADC10_A
TA3.0 (internal)
ADC10_A
ADC10SHSx = 010b
SD24_B
ADC10_A
trigger pulse (internal)
ADC10SHSx = 011b
6.11.21 Real-Time Clock (RTC_C) (Link to User's Guide)
The RTC_C module can be configured for real-time clock (RTC) and calendar mode providing seconds,
hours, day of week, day of month, month, and year. The RTC_C control and configuration registers are
password protected to ensure clock integrity against run away code. Calendar mode integrates an internal
calendar that compensates for months with less than 31 days and includes leap year correction. The
RTC_C also supports flexible alarm functions, offset calibration, temperature compensation and time
capture on two external events. The RTC_C on this device operates on dedicated AUXVCC3 supply and
supports operation in LPM3.5.
6.11.22 REF Voltage Reference (Link to User's Guide)
The reference module (REF) is responsible for generation of all critical reference voltages that can be
used by the various analog peripherals in the device. These include the ADC10_A, LCD_C, and SD24_B
modules.
6.11.23 LCD_C (Link to User's Guide)
The LCD_C driver generates the segment and common signals required to drive a liquid crystal display
(LCD). The LCD_C controller has dedicated data memories to hold segment drive information. Common
and segment signals are generated as defined by the mode. Static, 2-mux, 3-mux, 4-mux, up to 8-mux
LCDs are supported. The module can provide a LCD voltage independent of the supply voltage with its
integrated charge pump. It is possible to control the level of the LCD voltage and thus contrast by
software. The module also provides an automatic blinking capability for individual segments in static, 2-
mux, 3-mux, and 4-mux modes.
6.11.24 Comparator_B (Link to User's Guide)
The primary function of the Comparator_B module is to support precision slope analog-to-digital
conversions, battery voltage supervision, and monitoring of external analog signals.
Copyright © 2014, Texas Instruments Incorporated
Detailed Description
83
Submit Documentation Feedback
Product Folder Links: MSP430F67791A MSP430F67781A MSP430F67771A MSP430F67761A MSP430F67751A
MSP430F67691A MSP430F67681A MSP430F67671A MSP430F67661A MSP430F67651A MSP430F67491A
MSP430F67481A MSP430F67471A MSP430F67461A MSP430F67451A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com