| Electronic Components Datasheet Search |
|
ATS685 Datasheet(PDF) 8 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS685 Datasheet(HTML) 8 Page - Allegro MicroSystems |
|
8 / 15 page ![]() Two-Wire, Zero Speed Differential Gear Tooth Sensor IC ATS685LSH 8 Allegro MicroSystems, LLC 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com Determining Output Signal Polarity In figure 2, the top panel, labeled Mechanical Position, represents the mechanical features of the target gear and orientation to the device. The bottom panel, labeled Device Output Signal, displays the square waveform corresponding to the digital output signal (current amplitude) that results from a rotating gear configured as shown in figure 3. Referring to the target side nearest the face of the sensor IC, the direction of rotation is: perpendicular to the leads, across the face of the device, from the pin 1 side to the pin 4 side. In order to read the output signal as a voltage, VSENSE, a sense resistor, RSENSE, can be placed on either the VCC signal or on the GND signal. As shown in figure 4, when RSENSE is placed on the GND signal, the output signal voltage, VSENSE(LowSide), is in phase with ICC. When RSENSE is placed on the VCC signal, the output signal voltage, VSENSE(HighSide), is inverted relative to ICC. Rotating Target Brande of Package Pin 1 Pin 4 dFace Figure 3. This figure depicts left-to-right (pin 1 to pin 4) direction of target rotation. Figure 4. Alternative Polarity Configurations Using Two-Wire Sensing. The Output Polarity States table provides the permutations of output voltage relative to ICC, given alternative locations for RSENSE. Panel A shows the low-side, VSENSE(LowSide), sensing configuration, and panel B shows the high-side, VSENSE(HighSide), configuration. As shown in panel C, VSENSE(LowSide) is in phase with ICC, and VSENSE(HighSide), is inverted. ATS685 VCC GND V CC 1 4 ATS685 VCC GND V CC 1 4 VSENSE(HighSide) VSENSE(LowSide) RSENSE RSENSE I CC I CC Output Polarity States RSENSE Location ICC State VSENSE State High side (VCC pin side) High Low Low High Low side (GND pin side) High High Low Low ICC VSENSE(HighSide) V+ VSENSE(LowSide) V+ I+ |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |