Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATS685 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS685
Description  Two-Wire, Zero Speed Differential Gear Tooth Sensor IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS685 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS685 Datasheet HTML 6Page - Allegro MicroSystems ATS685 Datasheet HTML 7Page - Allegro MicroSystems ATS685 Datasheet HTML 8Page - Allegro MicroSystems ATS685 Datasheet HTML 9Page - Allegro MicroSystems ATS685 Datasheet HTML 10Page - Allegro MicroSystems ATS685 Datasheet HTML 11Page - Allegro MicroSystems ATS685 Datasheet HTML 12Page - Allegro MicroSystems ATS685 Datasheet HTML 13Page - Allegro MicroSystems ATS685 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Two-Wire, Zero Speed
Differential Gear Tooth Sensor IC
ATS685LSH
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Power-On
The ATS685 is guaranteed to power-on in the high current state,
ICC(High). When power (VCC > VCC (min)) is applied to the
device, a short period of time is required to power the vari-
ous portions of the circuit. During this period, the ATS685 will
power-on in the high current state, ICC(High).
Initial Edge Detection
The device self-calibrates using the initial teeth sensed, and then
enters running mode. This results in reduced accuracy for a brief
period, CALI. However, this period allows the device to optimize
for running mode operation. As shown in figure 6, the first three
high peak signals corresponding to rising output edges are used to
calibrate AGC (Automatic Gain Control). There is a slight vari-
ance in the duration of initialization, depending on what target
feature is opposite the sensor IC when power-on occurs. Also, a
high speed of target rotation at power-on may increase the quan-
tity required in the CALI period.
Figure 6. Power-On Initial Edge Detection. This figure demonstrates four typical power-on scenarios. All of these examples assume that the target is
moving relative to the sensor IC in the direction indicated (from pin 1 to pin 4) and the voltage output is configured for low-side sensing, VOUT(Low). The
length of time required to overcome Start Mode Hysteresis, as well as the combined effect of whether it is overcome in a positive or negative direction
plus whether the next edge is in that same or opposite polarity, affect the point in time when AGC calibration begins. Three high peaks are always
required for AGC calibration when fOP ≤ 200 Hz, and more may be required at greater speeds.
Target
(Gear)
ICC
ICC
ICC
ICC
ICC
ICC
ICC
ICC
Power-on
opposite
tooth
Power-on
at falling
mechanical
edge
Power-on
at rising
mechanical
edge
Power-on
opposite
valley
AGC Calibration
Running Mode
AGC Calibration
Running Mode
AGC Calibration
Running Mode
AGC Calibration
Running Mode
Device
Position
1
1
4
4
2
2
3
3
Start Mode
Hysteresis
Overcome
Start Mode
Hysteresis
Overcome
Start Mode
Hysteresis
Overcome
Start Mode
Hysteresis
Overcome



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com