Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATS685 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS685
Description  Two-Wire, Zero Speed Differential Gear Tooth Sensor IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS685 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS685 Datasheet HTML 1Page - Allegro MicroSystems ATS685 Datasheet HTML 2Page - Allegro MicroSystems ATS685 Datasheet HTML 3Page - Allegro MicroSystems ATS685 Datasheet HTML 4Page - Allegro MicroSystems ATS685 Datasheet HTML 5Page - Allegro MicroSystems ATS685 Datasheet HTML 6Page - Allegro MicroSystems ATS685 Datasheet HTML 7Page - Allegro MicroSystems ATS685 Datasheet HTML 8Page - Allegro MicroSystems ATS685 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features and Benefits
• Fully optimized differential digital gear tooth sensor IC
• Running Mode Lockout
• Unique algorithms for increased vibration immunity
• AGC and reference adjust circuit
• Air gap independent switchpoints
• Digital output representing gear profile
• Precise duty cycle throughout operating temperature range
• Large operating air gap range
• Short power-on time
• True zero-speed operation
• Undervoltage lockout (UVLO)
• Wide operating voltage range
• Internal current regulator for two-wire operation
• Single-chip sensing IC for high reliability
• Robust test coverage capability using Scan Path
and IDDQ measurement
Description
TheATS685LSH is an optimized Hall-effect sensing integrated
circuit and rare-earth pellet combination that provides a
user-friendly solution for true zero-speed digital gear-tooth
sensing in two-wire applications. The sensor IC consists of a
single-shot molded plastic package that includes a samarium
cobalt pellet, a pole piece, and a Hall Effect IC that has been
optimized to the magnetic circuit. This small package can be
easily assembled and used in conjunction with a wide variety
of gear shapes and sizes.
The single integrated circuit incorporates a dual element
Hall-effect sensor IC and signal processing circuitry that
switches in response to differential magnetic signals created
by ferromagnetic targets. The device contains a sophisticated
compensating circuit to eliminate magnetic and system offsets.
Digital tracking of the analog signal is used to achieve true
zero speed operation. Advanced calibration algorithms are
used to adjust the device gain and offset at power-up, resulting
in air gap independent switchpoints, which greatly improves
output accuracy. In addition, advanced algorithms mitigate the
effect of system anomalies such as target vibration and sudden
changes in air gap.
The regulated current output is configured for two-wire
operation. This sensor IC is ideal for obtaining edge and duty
cycle information in gear-tooth–based applications such as
transmission speed.
The ATS685 is provided in a 4-pin SIP package that is lead
(Pb) free, with 100% matte tin leadframe plating.
ATS685LSH-DS
Two-Wire, Zero Speed
Differential Gear Tooth Sensor IC
Package: 4-pin SIP (suffix SH)
Functional Block Diagram
Not to scale
ATS685LSH
GND
VCC
TEST
Multiplexor
Voltage
Regulator
Hall
Amp
Offset
Adjust
Reference
Generator
and
Lockout
PDAC
AGC
Synchronous Digital Controller
NDAC


Similar Part No. - ATS685

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS685LSH ALLEGRO-ATS685LSH Datasheet
445Kb / 15P
Two-Wire, Zero Speed Differential Gear Tooth Sensor IC
ATS685LSHTN-T ALLEGRO-ATS685LSHTN-T Datasheet
445Kb / 15P
Two-Wire, Zero Speed Differential Gear Tooth Sensor IC
More results

Similar Description - ATS685

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS640JSB ALLEGRO-ATS640JSB Datasheet
96Kb / 4P
TRUE ZERO-SPEED, SELF-CALIBRATING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR FOR TWO-WIRE APPLICATIONS
ATS645LSH ALLEGRO-ATS645LSH Datasheet
408Kb / 14P
True Zero Speed Miniature Gear Tooth Sensor
ATS642LSH ALLEGRO-ATS642LSH Datasheet
430Kb / 16P
Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
AATS643LSH ALLEGRO-AATS643LSH_06 Datasheet
388Kb / 16P
Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
ATS667LSG ALLEGRO-ATS667LSG Datasheet
330Kb / 14P
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS685LSH ALLEGRO-ATS685LSH Datasheet
445Kb / 15P
Two-Wire, Zero Speed Differential Gear Tooth Sensor IC
ATS642 ALLEGRO-ATS642 Datasheet
319Kb / 16P
Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
ATS667 ALLEGRO-ATS667 Datasheet
429Kb / 14P
True Zero-Speed, High Accuracy Gear Tooth Sensor IC
ATS684LSN ALLEGRO-ATS684LSN Datasheet
566Kb / 16P
Two-Wire, Zero-Speed Differential Gear Tooth Sensor IC
ATS668LSM ALLEGRO-ATS668LSM Datasheet
1Mb / 13P
True Zero-Speed High-Accuracy Gear Tooth Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com