Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC87591S-VPC Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591S-VPC
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591S-VPC Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button PC87591S-VPC Datasheet HTML 55Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 56Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 57Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 58Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 59Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 60Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 61Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 62Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 437 page
background image
2.0 Signal/Pin Description and Configuration (Continued)
Revision 1.07
59
www.national.com
External Interrupts Configuration Register (EICFG)
The EICFG register is a read/write, byte-wide register. It enables the use of some of the external interrupts. The EICFG bits
have impact only when the pin is configured to its GPIO function. EICFG is cleared (0016) on reset.
Note that some of the pins that have an external interrupt (not controlled by the EICFG register) have an alternate function
that is an input. When a pin’s alternate function is selected, its interrupt function is also enabled.
The format of EICFG is as follows:
Location: 00 FF0016
Type: R/W
2.4.3
GPIO with Echo Configuration
Some of GPIO pins may be paired to generate an input to output echoing with software masking. The input GPIO are input
ports (Px or Py) with a wake-up function. The output ports are a Px type enhanced with the echo mechanism, as described
in Section 4.5.2 on page 114. The input echoing is enabled only when the respective Echo Enable bit in IOEE1-2 registers
is set. The input port should be configured to enable the interrupt function.
2
EXMEM16 (16-bit-Wide Expansion Memory). Enables the use of the 16-bit-wide Expansion memory, when the
ENEMEM is set. The bus width indicated in this register should be the same as the bus width defined in Zone
0 of the BIU (SEL0).
0: The External Memory to be eight bits wide
1: Enables the use of a 16-bit-wide External Memory
4-3
CLKOM (Clock Out Mode). Selects the mode of operation of the CLKOUT signal. This field is in effect only
when this signal is set for output.
Bits
4 3
Description
0 0:
Reserved (default)
0 1:
CLK - a clock at the core frequency is driven out
1 0:
32.768 KHz clock output
1 1:
Reserved
6-4
Reserved.
7
GTMON (Go-to Target Monitor Set Flag). This bit is set to indicate that the code should jump to the beginning
of the Target Monitor (TMON). The reset routine of the application should check this bit and behave accordingly.
Once cleared, this bit can not be set by software.
Bit
76543210
Name
Reserved
EXWINT46
EXWINT45
Reset
00000000
Bit
Description
0
EXWINT45 (Enable EXWINT45).
0: EXWINT45 input is blocked (disabled) while not being read as a GPIO.
1: EXWINT45 input is open; this enables the detection of changes on the input to trigger interrupts.
1
EXWINT46 (Enable EXWINT46).
0: EXWINT46 input is blocked (disabled) while not being read as a GPIO.
1: EXWINT46 input is open; this enables the detection of changes on the input to trigger interrupts.
7-2
Reserved.
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com