Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC87591S-VPC Datasheet(PDF) 99 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591S-VPC
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591S-VPC Datasheet(HTML) 99 Page - National Semiconductor (TI)

Back Button PC87591S-VPC Datasheet HTML 95Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 96Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 97Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 98Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 99Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 100Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 101Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 102Page - National Semiconductor (TI) PC87591S-VPC Datasheet HTML 103Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
99
www.national.com
Pending interrupts, enabled or disabled, can be polled using the Status registers. The CR16B core supports INT0, but the
ICU reserves INT0 so that it is not connected to any interrupt source.
Maskable Interrupt Vectors
Interrupt vector numbers are always positive and are in the range 1016 to 2F16. The IVCT register contains the interrupt vec-
tor of the enabled and pending interrupt with the highest priority. The interrupt vector 1016 corresponds to INT0 with the low-
est priority; the vector 2F16 corresponds to INT31 with the highest priority.
The CR16B core performs an “Interrupt Acknowledge” bus cycle on receiving an enabled maskable interrupt request from
the ICU. During the interrupt acknowledge cycle, a byte is read from address 00 FE0016 (IVCT register). The byte read is
used as an index in the Dispatch Table to determine the address of the interrupt handler.
Although INT0 is not connected to any interrupt source, the IVCT register can return the value 1016. This happens, for ex-
ample, when the interrupt request is removed before the interrupt acknowledge cycle. The entry in the Dispatch Table should
point to a default interrupt handler that handles this error condition.
Pending Interrupts
Edge-triggered interrupts are latched by the Interrupt Status register. A pending edge-triggered interrupt is cleared by writing
a ‘1’ to the respective bit in the Edge Interrupt Clear register, IECLR0 or IECLR1.
A pending level-triggered interrupt is cleared when the interrupt source is not active; note that the interrupt should be cleared
at the device/module that drives it by clearing the event status bit.
Interrupt mask bits (IENAM register bits) and pending interrupt bits (ISTAT register bits), should be cleared to 0 only when
interrupts are disabled; i.e., when bits I and/or E in PSR register (a core register) are 0. Bits in IENAM may be set at any time.
Interrupt Priorities
The priorities of the maskable interrupts are hard-wired and thus fixed. The interrupts are named INT0 to INT31, where INT0
has the lowest priority and INT31 has the highest priority.
Power-Down Modes
Interrupt sources that may generate unexpected interrupts in Idle mode should be masked before switching to the power-
down mode.
External Interrupt Inputs
When an MIWU input is disabled, and the respective WKOxx output at the MIWU is connected to the ICU, the MIWU input
is fed directly to the ICU. In this case, the interrupt inputs are asynchronous. They are recognized by the PC87591x during
cycles in which the input setup and hold time requirements are satisfied. To use an external interrupt which is shared with
an I/O port, configure the I/O port to its alternate function (see Section 2.4 on page 54).
Interrupt Assignment
Table 16 shows the mapping of the ICU maskable interrupts to different functions. For information on mask bits and the clear
mechanism for the status bit in internal level interrupts, refer to descriptions of the module that is the interrupt source.
Table 16. ICU Interrupt Assignments
INT
Number
Source
Type
Details
Priority
INT0
-
-
Error condition occurred (spurious interrupt)
Lowest
INT1
External/MIWU
Level-High
External Interrupt EXWINT20 through the MIWU1
INT2
Internal
Level-High
Host I/F Keyboard/Mouse channel Output Buffer Empty
INT3
Internal
Level-High
Host I/F Power Management channel 1 or channel 2 Output
Buffer Empty
INT4
Internal
Level-High
High-Frequency Clock Generator
INT5
Internal
Level-High
MIWU PSWUINT or WKINTD
INT6
External/MIWU
Level-High
External Interrupt EXWINT23 through the MIWU1
INT7
Internal
Level-High
MFT16 1 Interrupt (INT1 ORed with INT2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com