| Electronic Components Datasheet Search |
|
PC87591S-VPC Datasheet(PDF) 77 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87591S-VPC Datasheet(HTML) 77 Page - National Semiconductor (TI) |
|
77 / 437 page ![]() 4.0 Embedded Controller Modules (Continued) Revision 1.07 77 www.national.com When no Thold cycles are specified, SELn is deactivated in the clock cycle that follows T2, unless another read from the same zone follows. The RD signal is always deactivated in the clock cycle following T2; see Figures 18, 19 and 20. A burst bus cycle supplements the basic read bus cycle if the core attempts to access more bytes (i.e., a word) than the configured bus width (and BRE in SZCFGn register is set to 1). The burst bus cycle (T2B) follows T2 before the Thold cycles (if configured). A wait clock cycle (TBW) is added between T2 and T2B if WBR in SZCFGn register is set to 1. The address of the burst bus cycle is changed on TBW (if configured) or T2B (if no TBW). At the end of T2B, data is sampled. The RD signal is activated during the burst bus cycle and is deactivated in the clock cycle following T2B; see Figures 21 and 22. CLK A0-19 SELx SELy RD WR0-1 D0-15 Normal Read Normal Read T1 T2 TIdle T1 T2 In In (x ≠ y) (y ≠ x) BST0-2 Figure 18. Two Basic Normal Read Bus Cycles with Idle In Between (IPST Bit in SZCFGy Register = 1, IPRE Bit in SZCFGx Register = 1) Bus State CLK A0-19 SELn D0-15 RD WR0-1 Bus State T1 TIW TIW T2 THold BST0-2 Figure 19. Normal Read Bus Cycle with 2 Internal Waits and 1 Hold In |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |