Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS2770BE/R Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS2770BE/R
Description  Battery Monitor and Charge Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2770BE/R Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS2770BE/R Datasheet HTML 18Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 19Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 20Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 21Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 22Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 23Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 24Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 25Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 26Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
DS2770
22 of 27
1-WIRE INITIALIZATION SEQUENCE (RESET PULSE AND PRESENCE
PULSE) Figure 18
WRITE TIME SLOTS
A write time slot is initiated when the bus master pulls the 1-Wire bus from a logic high (inactive) level to
a logic low level. There are two types of write time slots: Write 1 and Write 0. All write time slots must
be tSLOT (60µs to 120µs) in duration with a 1µs minimum recovery time, tREC, between cycles. The
DS2770 samples the 1-Wire bus line between 15µs and 60µs after the line falls. If the line is high when
sampled, a Write 1 occurs. If the line is low when sampled, a Write 0 occurs (see Figure 19). For the bus
master to generate a Write 1 time slot, the bus line must be pulled low and then released, allowing the line
to be pulled high within 15µs after the start of the write time slot. For the host to generate a Write 0 time
slot, the bus line must be pulled low and held low for the duration of the write time slot.
READ TIME SLOTS
A read time slot is initiated when the bus master pulls the 1-Wire bus line from a logic high level to logic
low level. The bus master must keep the bus line low for at least 1µs and then release it to allow the
DS2770 to present valid data. The bus master can then sample the data tRDV (15µs) from the start of the
read time slot. By the end of the read time slot, the DS2770 releases the bus line and allows it to be pulled
high by the external pull-up resistor. All read time slots must be tSLOT (60µs to 120µs) in duration with a
1µs minimum recovery time, tREC, between cycles. See Figure 19 for more information.
tRSTL
tPDL
tRSTH
tPDH
VCC
GND
LINE TYPE LEGEND:
Bus master active low
DS2770 active low
Resistor pullup
Both bus master and
DS2770 active low
DQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com