Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS2770BE/R Datasheet(PDF) 26 Page - Dallas Semiconductor

Part # DS2770BE/R
Description  Battery Monitor and Charge Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2770BE/R Datasheet(HTML) 26 Page - Dallas Semiconductor

Back Button DS2770BE/R Datasheet HTML 19Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 20Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 21Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 22Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 23Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 24Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 25Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 26Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 27Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
DS2770
26 of 27
EEPROM RELIABILITY
SPECIFICATION
(-20
°C to 70°C, 2.7V £ VDD £ 5.5V)
PARAMETER
SYMBOL CONDITION
MIN
TYP
MAX
UNITS NOTES
Copy to EEPROM Time
tEEC
510
ms
EEPROM Copy
Endurance
NEEC
25,000
cycles
8
ELECTRICAL CHARACTERISTICS:
CHARGER FUNCTION
(0
°C to 50°C, 2.7V £ VDD £ 5.5V)
PARAMETER
SYMBOL CONDITION
MIN
TYP
MAX
UNITS NOTES
Low Battery Voltage
Threshold
VLB
3.0
V
1
Pulse Charging Voltage
Threshold
VCV
4.1
4.2
V1,6
Lower Valid Charging
Temperature Threshold
TCL
0°C
Upper Valid Charging
Temperature Threshold
TCH
+40
°C
Maximum Charging
Temperature
Termination Threshold
TMCT
+50
°C
Overcharge Time
tVCV
875
ms
Charge Done Timer
tCD
14
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com