Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS2770BE/R Datasheet(PDF) 25 Page - Dallas Semiconductor

Part # DS2770BE/R
Description  Battery Monitor and Charge Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2770BE/R Datasheet(HTML) 25 Page - Dallas Semiconductor

Back Button DS2770BE/R Datasheet HTML 19Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 20Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 21Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 22Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 23Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 24Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 25Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 26Page - Dallas Semiconductor DS2770BE/R Datasheet HTML 27Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
DS2770
25 of 27
UV Output Low
IOL,UV\
VUV\ = 2V
5
10
mA
11
UV Output High
VOH,UV\
IUV\ = 10
mAVP - 0.5V
10
CC Output Low
IOL,CC\
VCC\ = 2V
5
10
mA
11
CC Output High
VOH,CC\
ICC\ = 10
mAVP - 0.5V
10
Internal Current-
Sense Resistance
RSNS
TA = 25°C
20
25
30
m
W
DQ Low to ISLEEP
time
tSLP
513
s
ELECTRICAL CHARACTERISTICS:
TEMPERATURE, VOLTAGE, CURRENT
(0
°C to 50°C, 2.7V £ VDD £ 4.5V)
PARAMETER
SYMBOL CONDITION
MIN
TYP
MAX
UNITS NOTES
Temperature Resolution
TLSB
0.125
°C
Temperature Error
TERR
±3
°C
2
Voltage Resolution
VLSB
4.88
mV
Voltage Full Scale
VFS
5V
Voltage Offset Error
VOERR
1LSb
Voltage Gain Error
VGERR
±1%VFS
Current Resolution
ILSB
62.5
1.56
mA
mV
3, 13
4, 13
Current Full Scale
IFS
2.048
51.2
A
mV
3, 12, 13
4, 12, 13
Current Offset Error
IOERR
±1LSb
Current Gain Error
IGERR
±3
±1
%3,7
4
Accumulated Current
Resolution
qCA
250
6.25
mAhr
mVhr
3, 13
4, 13
Timebase Accuracy
tERR
±1
±3
%
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com