Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NPI73C331KTRF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPI73C331KTRF
Description  NPI Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI73C331KTRF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPI73C331KTRF Datasheet HTML 1Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 2Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 3Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 4Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 5Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 6Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 7Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 8Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI__C Series
NPI Power Inductors
Part Number
STANDARD VALUES - CASE SIZE 32 (3.5 x 3.0 x 2.1mm)
Inductance Value
(µH)
DC Resistance
(Ω)
DC Current
Isat/Irms (Amps)
Test Frequency
NPI32C1R0MTRF
1.0±20%
0.04
1.5
100KHz
NPI32C1R4MTRF
1.4±20%
0.05
1.5
NPI32C1R8MTRF
1.8±20%
0.06
0.80
NPI32C2R2MTRF
2.2±20%
0.08
0.75
NPI32C2R7MTRF
2.7±20%
0.10
0.75
NPI32C3R3MTRF
3.3±20%
0.15
0.60
NPI32C3R9MTRF
3.9±20%
0.20
0.50
NPI32C4R7MTRF
4.7±20%
0.20
0.50
NPI32C5R6MTRF
5.6±20%
0.23
0.45
NPI32C6R8MTRF
6.8±20%
0.25
0.40
NPI32C8R2MTRF
8.2±20%
0.30
0.40
NPI32C100MTRF
10±20%
0.35
0.35
1KHz
NPI32C120MTRF
12±20%
0.40
0.35
NPI32C150MTRF
15±20%
0.50
0.30
NPI32C180MTRF
18±20%
0.55
0.30
NPI32C220MTRF
22±20%
0.60
0.30
NPI32C270MTRF
27±20%
0.70
0.30
NPI32C330MTRF
33±20%
1.0
0.25
NPI32C390MTRF
39±20%
1.2
0.25
NPI32C470MTRF
47±20%
1.5
0.20
NPI32C560MTRF
56±20%
1.8
0.20
NPI32C680MTRF
68±20%
2.0
0.18
NPI32C820MTRF
82±20%
2.5
0.16
NPI32C101MTRF
100±20%
3.0
0.15
1KHz
Maximum +40°C temperature rise at Irms. Maximum -30% inductance change at Isat.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com