Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NPI73C331KTRF Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NPI73C331KTRF
Description  NPI Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI73C331KTRF Datasheet(HTML) 8 Page - NIC-Components Corp.

  NPI73C331KTRF Datasheet HTML 1Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 2Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 3Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 4Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 5Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 6Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 7Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 8Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Part Number
STANDARD VALUES - CASE SIZE 105 (10.0 x 9.0 x 5.4mm)
Inductance Value
(µH)
DC Resistance
(Ω)
DC Current
Isat/Irms (Amps)
Test Frequency
NPI105C100MTRF
10 ± 20%
0.06
2.60
1KHz*
NPI105C120MTRF
12 ± 20%
0.07
2.45
NPI105C150MTRF
15 ± 20%
0.08
2.27
NPI105C180MTRF
18 ± 20%
0.09
2.15
NPI105C220MTRF
22 ± 20%
0.10
1.95
NPI105C270MTRF
27 ± 20%
0.11
1.76
NPI105C330MTRF
33 ± 20%
0.12
1.50
NPI105C390MTRF
39 ± 20%
0.14
1.37
NPI105C470MTRF
47 ± 20%
0.17
1.28
NPI105C560MTRF
56 ± 20%
0.19
1.17
NPI105C680MTRF
68 ± 20%
0.22
1.11
NPI105C820MTRF
82 ± 20%
0.25
1.00
NPI105C101MTRF
100 ± 20%
0.35
0.97
1KHz
NPI105C121MTRF
120 ± 20%
0.40
0.89
NPI105C151MTRF
150 ± 20%
0.47
0.78
NPI105C181MTRF
180 ± 20%
0.63
0.72
NPI105C221MTRF
220 ± 20%
0.73
0.66
NPI105C271MTRF
270 ± 20%
0.97
0.57
NPI105C331MTRF
330 ± 20%
1.15
0.52
NPI105C391MTRF
390 ± 20%
1.30
0.48
NPI105C471MTRF
470 ± 20%
1.48
0.42
NPI105C561MTRF
560 ± 20%
1.90
0.33
NPI105C681MTRF
680 ± 20%
2.25
0.28
NPI105C821MTRF
820 ± 20%
2.55
0.24
NPI Power Inductors
NPI__C Series
Maximum +40°C temperature rise at Irms. Maximum -30% inductance change at Isat.
*Specifications reflect recent product changes. For more information refer to PCN announcement [Link]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com