Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NPI73C331KTRF Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NPI73C331KTRF
Description  NPI Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI73C331KTRF Datasheet(HTML) 7 Page - NIC-Components Corp.

  NPI73C331KTRF Datasheet HTML 1Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 2Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 3Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 4Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 5Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 6Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 7Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 8Page - NIC-Components Corp. NPI73C331KTRF Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI Power Inductors
NPI__C Series
Part Number
STANDARD VALUES - CASE SIZE 104 (10.0 x 9.0 x 4.0mm)
Inductance Value
(µH)
DC Resistance
(Ω)
DC Current
Isat/Irms (Amps)
Test Frequency
NPI104C100MTRF
10 ± 20%
0.053
2.38
1KHz*
NPI104C120MTRF
12 ± 20%
0.061
2.13
NPI104C150MTRF
15 ± 20%
0.070
1.87
NPI104C180MTRF
18 ± 20%
0.081
1.73
NPI104C220MTRF
22 ± 20%
0.088
1.60
NPI104C270MTRF
27 ± 20%
0.100
1.44
NPI104C330MTRF
33 ± 20%
0.120
1.26
NPI104C390MTRF
39 ± 20%
0.151
1.20
NPI104C470MTRF
47 ± 20%
0.170
1.10
NPI104C560KTRF
56 ± 10%
0.199
1.01
NPI104C680KTRF
68 ± 10%
0.223
0.91
NPI104C820KTRF
82 ± 10%
0.252
0.85
NPI104C101KTRF
100 ± 10%
0.344
0.74
1KHz
NPI104C121KTRF
120 ± 10%
0.396
0.69
NPI104C151KTRF
150 ± 10%
0.544
0.61
NPI104C181KTRF
180 ± 10%
0.621
0.56
NPI104C221KTRF
220 ± 10%
0.721
0.53
NPI104C271KTRF
270 ± 10%
0.949
0.45
NPI104C331KTRF
330 ± 10%
1.100
0.42
NPI104C391KTRF
390 ± 10%
1.245
0.38
NPI104C471KTRF
470 ± 10%
1.526
0.35
NPI104C561KTRF
560 ± 10%
1.904
0.32
Maximum +40°C temperature rise at Irms. Maximum -30% inductance change at Isat.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com