Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXLD1356QDACTC Datasheet(PDF) 18 Page - Diodes Incorporated

Part # ZXLD1356QDACTC
Description  AUTOMOTIVE GRADE 60V 550mA LED DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356QDACTC Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button ZXLD1356QDACTC Datasheet HTML 14Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 15Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 16Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 17Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 18Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 19Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 20Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 21Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ZXLD1356Q
Document number: DS37077 Rev. 2 - 2
18 of 28
www.diodes.com
October 2015
© Diodes Incorporated
ZXLD1356Q
Q
Application Information (Continued)
Driving the ADJ Input via Open Collector Transistor
The recommended method of driving the ADJ pin and controlling the amplitude of the PWM waveform is to use a small NPN switching transistor
as shown below:
This scheme uses the 50k resistor between the ADJ pin and the internal voltage reference as a pull-up resistor for the external transistor (e.g.
Diodes Inc. MMBT3904).
Driving the ADJ Input from a Microcontroller
Another possibility is to drive the device from the open drain output of a microcontroller. The diagram below shows one method of doing this:
If the NMOS transistor within the microcontroller has high Gate/Drain capacitance, this arrangement can inject a negative spike into ADJ input of
the ZXLD1356Q and cause erratic operation. The addition of a Schottky clamp diode (e.g. Diodes Inc. SD103CWS) to ground and inclusion of a
series resistor (3.3k) will prevent this. See the section on PWM dimming for more details of the various modes of control using high-frequency
and low-frequency PWM signals.
Shutdown Mode
Taking the ADJ pin to a voltage below 0.2V for more than approximately 100µs will turn off the output and supply current to a low standby level of
65µA nominal.
Note that the ADJ pin is not a logic input. Taking the ADJ pin to a voltage above VREF will increase output current above the 100% nominal
average value. (See graphs on Page 17 for details).
Soft-Start
An external capacitor from the ADJ pin to ground will provide a soft-start delay, by increasing the time taken for the voltage on this pin to rise to
the turn-on threshold and by slowing down the rate of rise of the control voltage at the input of the comparator. Adding capacitance increases this
delay by approximately 0.2ms/nF. The graph on the next page shows the variation of soft-start time for different values of capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com