Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXLD1356QDACTC Datasheet(PDF) 25 Page - Diodes Incorporated

Part # ZXLD1356QDACTC
Description  AUTOMOTIVE GRADE 60V 550mA LED DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356QDACTC Datasheet(HTML) 25 Page - Diodes Incorporated

Back Button ZXLD1356QDACTC Datasheet HTML 20Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 21Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 22Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 23Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 24Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 25Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 26Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 27Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 28Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
ZXLD1356Q
Document number: DS37077 Rev. 2 - 2
25 of 28
www.diodes.com
October 2015
© Diodes Incorporated
ZXLD1356Q
Q
Ordering Information (Note 12)
Device
Package
Code
Packaging
(Note 10)
Reel Size
(inches)
Quantity
per Reel
Tape Width
(mm)
Part Number
Suffix
Qualification Grade
(Note 11)
ZXLD1356QDACTC
DAC
V-DFN3030-6
13
3,000
8
TC
Automotive Compliant
ZXLD1356QET5TA
ET5
TSOT25
7
3,000
8
TA
Automotive Compliant
Notes: 10. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
11. ZXLD1356Q has been qualified to AEC-Q100 grade 1 and
is classified as “Automotive Compliant” supporting PPAP documentation.
See ZXLD1356 datasheet for commercial qualified versions.
12. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
1)
TSOT25
XXXX : Identification code : 1356
2)
V-DFN3030-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com