Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZXLD1356QDACTC Datasheet(PDF) 26 Page - Diodes Incorporated

Part # ZXLD1356QDACTC
Description  AUTOMOTIVE GRADE 60V 550mA LED DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356QDACTC Datasheet(HTML) 26 Page - Diodes Incorporated

Back Button ZXLD1356QDACTC Datasheet HTML 20Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 21Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 22Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 23Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 24Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 25Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 26Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 27Page - Diodes Incorporated ZXLD1356QDACTC Datasheet HTML 28Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
ZXLD1356Q
Document number: DS37077 Rev. 2 - 2
26 of 28
www.diodes.com
October 2015
© Diodes Incorporated
ZXLD1356Q
Q
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
TSOT25
TSOT25
Dim
Min
Max
Typ
A
—
1.00
—
A1
0.01
0.10
—
A2
0.84
0.90
—
b
0.30
0. 5
—
c
0.12
0.20
—
—
—
2.90
E
—
—
2.80
E1
—
—
1.60
e
0.95 BSC
e1
1.90 BSC
L
0.30
0.50
L2
0.25 BSC
θ
0°
8°
4°
θ1
4°
12°
—
All Dimensions in mm
V-DFN3030-6
V-DFN3030-6
Dim Min
Max
Typ
A
0.80 0.90
0.85
A1
0
0.05
—
A3
—
—
0.203
b
0.30 0.40
0.35
D
2.95 3.05
3.00
D2
1.95 2.05
2.00
E
2.95 3.05
3.00
E2
1.15 1.25
1.20
e
—
—
0.95
e1
—
—
1.90
L
0.45 0.55
0.50
All Dimensions in mm
D
E1
E1/2
e1
E
E/2
e
A
A2
A1
Seating Plane
0
L2
L
Gauge Plane
01(4x)
01(4x)
c
b
Seating Plane
Chamfer 0.300X45°
Pin #1 ID
e1
E
D
Seating Plane
E2
D2
L
b
e
A3
A
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com