| Electronic Components Datasheet Search |
|
UCD3138RHAR Datasheet(PDF) 52 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD3138RHAR Datasheet(HTML) 52 Page - Texas Instruments |
|
52 / 89 page ![]() Start of Period Period Counter Start of Period Filter Period Adaptive Sample Trigger A Sample Trigger 1 DPWM Output A Filter Duty – Average Dead Time Event 1 Event 3 - Event 2 Period Register – Event 4 DPWM Output B Blanking A Begin Blanking A End Blanking B Begin Blanking B End Phase Trigger Sample Trigger 2 To Other Modules To Other Modules Resonant Symmetrical Closed Loop Events which change with DPWM mode: Dead Time 1 = Event 3 – Event 2 Dead Time 2 = Event 1 + Period Register – Event 4) Average Dead Time = (Dead Time 1 + Dead Time 2)/2 DPWM A Rising Edge = Event 1 DPWM A Falling Edge = Event 1 + Filter Duty – Average Dead Time Adaptive Sample Trigger A = Event 1 + Filter Duty + Adaptive Sample Register Adaptive Sample Trigger B = Event 1 + Filter Duty/2 + Adaptive Sample Register DPWM B Rising Edge = Event 1 + Filter Duty – Average Dead Time + (Event 3 – Event 2) DPWM B Falling Edge = Filter Period – (Period Register – Event 4) Phase Trigger = Phase Trigger Register value or Filter Duty Events always set by their registers, regardless of mode: Sample Trigger 1, Sample Trigger 2, Blanking A Begin, Blanking A End, Blanking B Begin, Blanking B End Filter controlled edge Adaptive Sample Trigger B 52 UCD3138 SLUSAP2G – MARCH 2012 – REVISED SEPTEMBER 2016 www.ti.com Submit Documentation Feedback Product Folder Links: UCD3138 Detailed Description Copyright © 2012–2016, Texas Instruments Incorporated DPWMB can cross over the period boundary safely, and still have the proper pulse width, so full 100% pulse width operation is possible. DPWMA cannot cross over the period boundary. Since the rising edge on DPWM B is also fixed, Blanking B-Begin and Blanking B-End can be used for blanking this rising edge. And, of course, Cycle Adjust B is usable on DPWM B. 6.6.4 DPWM Resonant Mode This mode provides a symmetrical waveform where DPWMA and DPWMB have the same pulse width. As the switching frequency changes, the dead times between the pulses remain the same. The equations for this mode are designed for a smooth transition from PWM mode to resonant mode, as described in Section 6.5.2.2. Here is a diagram of this mode: Figure 6-20. Resonant Symmetrical Closed Loop |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |