| Electronic Components Datasheet Search |
|
UCD3138RHAR Datasheet(PDF) 70 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
UCD3138RHAR Datasheet(HTML) 70 Page - Texas Instruments |
|
70 / 89 page ![]() 70 UCD3138 SLUSAP2G – MARCH 2012 – REVISED SEPTEMBER 2016 www.ti.com Submit Documentation Feedback Product Folder Links: UCD3138 Device and Documentation Support Copyright © 2012–2016, Texas Instruments Incorporated – Filter Math – Loop Mux – Analog Peak Current Mode – Constant Current/Constant Power (CCCP) – Automatic Cycle Adjustment – Fault Mux – Analog Comparators – Digital Comparators – Fault Pin functions – DPWM Fault Action – Ideal Diode Emulation (IDE), DCM Detection – Oscillator Failure Detection – Register Map for all of the above peripherals in UCD3138 2. UCD3138 Monitoring and Communications Programmer’s Manual Key topics covered in this manual include: – ADC12 – Control, Conversion, Sequencing & Averaging – Digital Comparators – Temperature Sensor – PMBUS Addressing – Dual Sample and Hold – Miscellaneous Analog Controls (Current Sharing, Brown-Out, Clock-Gating) – PMBUS Interface – General Purpose Input Output (GPIO) – Timer Modules – PMBus – Register Map for all of the above peripherals in UCD3138 3. UCD3138 ARM and Digital System Programmer’s Manual Key topics covered in this manual include: – Boot ROM and Boot Flash – BootROM Function – Memory Read/Write Functions – Checksum Functions – Flash Functions – Avoiding Program Flash Lock-Up – ARM7 Architecture – Modes of Operation – Hardware/Software Interrupts – Instruction Set – Dual State Inter-working (Thumb 16-bit Mode/ARM 32-bit Mode) – Memory and System Module – Address Decoder, DEC (Memory Mapping) – Memory Controller (MMC) – Central Interrupt Module – Register Map for all of the above peripherals in UCD3138 4. FUSION_DIGITAL_POWER_DESIGNER for Isolated Power Applications – User guide for Designer GUI – User guide for Device GUI – Firmware Memory Debugger – Manufacturing Tool (MFR GUI) In addition to the tools and documentation described above, for the most up to date information regarding evaluation modules, reference application firmware and application notes/design tips, please visit http://www.ti.com/product/ucd3138. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |