Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138RHAR Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RHAR
Description  Highly Integrated Digital Controller for Isolated Power
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RHAR Datasheet(HTML) 68 Page - Texas Instruments

Back Button UCD3138RHAR Datasheet HTML 64Page - Texas Instruments UCD3138RHAR Datasheet HTML 65Page - Texas Instruments UCD3138RHAR Datasheet HTML 66Page - Texas Instruments UCD3138RHAR Datasheet HTML 67Page - Texas Instruments UCD3138RHAR Datasheet HTML 68Page - Texas Instruments UCD3138RHAR Datasheet HTML 69Page - Texas Instruments UCD3138RHAR Datasheet HTML 70Page - Texas Instruments UCD3138RHAR Datasheet HTML 71Page - Texas Instruments UCD3138RHAR Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 89 page
background image
2 .2
F
1 .0
F
BP18
DGND
V33D
68
UCD3138
SLUSAP2G – MARCH 2012 – REVISED SEPTEMBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: UCD3138
Layout
Copyright © 2012–2016, Texas Instruments Incorporated
9
Layout
9.1
Layout Guidelines
•
TI recommends two grounds: AGND (analog) and DGND (digital).
–
AGND plane should be on a different layer than DGND, and right under the UCD3138 device.
–
UCD3138 power pad should be tied to AGND plane by at least 4 vias.
–
AGND plane should be just large enough to connect to all required components.
–
Power ground (PGND) can be independent or combined with DGND.
–
The power pad of the driver IC should be tied to DGND.
•
Both 3.3VD and 3.3VA should have a local 4.7-µF capacitor placed as close as possible to the device
pins
•
BPCAP decoupling (2.2 µF typically) MUST be connected to DGND
•
All analog signal filter capacitors should be tied to AGND
–
If the gate driver device, such as UCD27524 or UCD27511/7 driver is used, the filter capacitor for
the current sensing pin can be tied to DGND for easy layout
•
All digital signals, such as GPIO, PMBus and PWM are referenced to DGND.
•
The RESET pin capacitor (0.1 µF) should be connected to either DGND or AGND locally. TI
recommends a 10-k
Ω pullup resistor to 3.3 V.
•
All filter and decoupling capacitors should be placed close to UCD3138 as possible
–
Resistor placement is less critical and can be moved a little further away
•
The DGND and AGND net-short resistor MUST be placed right between one UCD3138’s DGND pin
and one AGND pin. Ground connections to the net short element should be made by a large via (or
multiple paralleled vias) for each terminal of the net-short element.
•
If a gate driver device such as UCC27524 or UCC27511/7 is on the control card and there is a PGND
connection, a net-short resistor should be tied to the DGND plane and PGND plane by multiple vias. In
addition the net-short element should be close to the driver IC.
•
Configure all unused GPIO as inputs and connect them to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com