Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLS810B1 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLS810B1
Description  Ultra Low Quiescent Current Linear Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS810B1 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLS810B1 Datasheet HTML 4Page - Infineon Technologies AG TLS810B1 Datasheet HTML 5Page - Infineon Technologies AG TLS810B1 Datasheet HTML 6Page - Infineon Technologies AG TLS810B1 Datasheet HTML 7Page - Infineon Technologies AG TLS810B1 Datasheet HTML 8Page - Infineon Technologies AG TLS810B1 Datasheet HTML 9Page - Infineon Technologies AG TLS810B1 Datasheet HTML 10Page - Infineon Technologies AG TLS810B1 Datasheet HTML 11Page - Infineon Technologies AG TLS810B1 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Data Sheet
8
Rev. 1.0 2015-11-02
TLS810B1LDV50
General Product Characteristics
4.2
Functional Range
Note: Within the functional or operating range, the IC operates as described in the circuit description. The
electrical characteristics are specified within the conditions given in the Electrical Characteristics table.
Table 2
Functional Range
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Input Voltage Range
VI
VQ,nom+Vdr –42
V
1)
1) Output current is limited internally and depends on the input voltage, see Electrical Characteristics for more details.
P_4.2.1
Extended Input Voltage
Range
VI,ext
2.75
42
V
2)
2) When VI is between VI,ext.min and VQ,nom + Vdr, VQ = VI - Vdr. When VI is below VI,ext,min, VQ can drop down to 0 V.
P_4.2.2
Enable Voltage Range
VEN
0
42
V
P_4.2.3
Output Capacitor
CQ
1–
µF
–3)4)
3) The minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%.
P_4.2.4
Output Capacitor’s ESR
ESR(CQ) –
100
4)
4) Not subject to production testing, specified by design.
P_4.2.5
Junction temperature
Tj
-40
150
°C
P_4.2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com