Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC1183 Datasheet(PDF) 33 Page - Microchip Technology

Part # EMC1183
Description  Triple Channel 1째C Temperature Sensor with Beta
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1183 Datasheet(HTML) 33 Page - Microchip Technology

Back Button EMC1183 Datasheet HTML 29Page - Microchip Technology EMC1183 Datasheet HTML 30Page - Microchip Technology EMC1183 Datasheet HTML 31Page - Microchip Technology EMC1183 Datasheet HTML 32Page - Microchip Technology EMC1183 Datasheet HTML 33Page - Microchip Technology EMC1183 Datasheet HTML 34Page - Microchip Technology EMC1183 Datasheet HTML 35Page - Microchip Technology EMC1183 Datasheet HTML 36Page - Microchip Technology EMC1183 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Triple Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
SMSC EMC1183
33
Revision 1.0 (07-11-13)
DATASHEET
6.8
One Shot Register 0Fh
The One Shot Register is used to initiate a one shot command. Writing to the one shot register when
the device is in Standby mode and BUSY bit (in Status Register) is ‘0’, will immediately cause the ADC
to update all temperature measurements. Writing to the One Shot Register while the device is in Active
mode will have no effect.
6.9
Therm Limit Registers
The Therm Limit Registers are used to determine whether a critical thermal event has occurred. If the
measured temperature exceeds the Therm Limit, the THERM pin is asserted. The limit setting must
match the chosen data format of the temperature reading registers.
Unlike the ALERT / THERM2 pin, the THERM pin cannot be masked. Additionally, the THERM pin will
be released once the temperature drops below the corresponding threshold minus the Therm
Hysteresis.
6.10
External Diode Fault Register 1Bh
Table 6.9 One Shot Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Fh
W
One Shot
Writing to this register initiates a single conversion cycle. Data
is not stored and always reads 00h
00h
Table 6.10 Therm Limit Registers
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
19h
R/W
External
Diode 1
Therm Limit
128
64
32
16
8
4
2
1
55h
(85°C)
1Ah
R/W
External
Diode 2
Therm Limit
128
64
32
16
8
4
2
1
55h
(85°C)
20h
R/W
Internal Diode
Therm Limit
128
64
32
16
8
4
2
1
55h
(85°C)
21h
R/W
Therm
Hysteresis
128
64
32
16
8
4
2
1
0Ah
(10°C)
Table 6.11 External Diode Fault Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
1Bh
R-C
External
Diode Fault
--
-
-
E2FLT
E1FLT
-
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com