Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMC1183 Datasheet(PDF) 36 Page - Microchip Technology

Part # EMC1183
Description  Triple Channel 1째C Temperature Sensor with Beta
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1183 Datasheet(HTML) 36 Page - Microchip Technology

Back Button EMC1183 Datasheet HTML 32Page - Microchip Technology EMC1183 Datasheet HTML 33Page - Microchip Technology EMC1183 Datasheet HTML 34Page - Microchip Technology EMC1183 Datasheet HTML 35Page - Microchip Technology EMC1183 Datasheet HTML 36Page - Microchip Technology EMC1183 Datasheet HTML 37Page - Microchip Technology EMC1183 Datasheet HTML 38Page - Microchip Technology EMC1183 Datasheet HTML 39Page - Microchip Technology EMC1183 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
Triple Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
36
SMSC EMC1183
DATASHEET
use this value to set the respective counters. The bits are decoded as shown in Table 6.14. The default
setting is 1 consecutive out of limit conversion.
6.13
Beta Configuration Registers 25h and 26h
This register is used to set the Beta Compensation factor that is used for s.
Bit 3 - ENABLE1X - Enables the Beta Compensation factor auto-detection function External Diode
2External Diode 1.
beta compensation cannot be enabled for External Diode 2 or 3.
‘0’ - The Beta Compensation Factor auto-detection circuitry is disabled.
‘1’ (default) - The Beta Compensation factor auto-detection circuitry is enabled. At the beginning of
every conversion, the optimal Beta Compensation factor setting will be determined and applied.
The BETA1X[2:0] bits will be automatically updated to indicate the current setting. This is the
default for EMC1183; and cannot be enabled for External Diode 2 or 3.
Bit 2-0 - BETAX[2:0] - These bits always reflect the current beta configuration settings. If auto-detection
circuitry is enabled, these bits will be updated automatically and writing to these bits will have no effect.
If the auto-detection circuitry is disabled, these bits will determine the beta configuration setting that is
used for the respective channels. Care should be taken when setting the BETAX[2:0] bits when the
auto-detection circuitry is disabled. If the Beta Compensation factor is set at a beta value that is higher
than the transistor beta, the circuit may introduce measurement errors. When measuring a discrete
thermal diode (such as 2N3904) or a CPU diode that functions like a discrete thermal diode (such as
an AMD processor diode), the BETAX[2:0] bits should be set to ‘111b’.
Table 6.14 Consecutive Alert / Therm Settings
21
0
NUMBER OF CONSECUTIVE OUT OF LIMIT
MEASUREMENTS
00
0
1
(default for CALRT[2:0])
00
1
2
01
1
3
11
1
4
(default for CTHRM[2:0])
Table 6.15 Beta Configuration Registers
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
25h
R/W
External
Diode 1 Beta
Configuration
-
-
-
-
ENABLE1
BETA1[2:0]
08h
26h
R
External
Diode 2 Beta
Configuration
-
-
-
-
ENABLE2
BETA2[2:0]
08h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com