Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB8040PFPR Datasheet(PDF) 17 Page - Texas Instruments

Part # TUSB8040PFPR
Description  USB 3.0 Four Port Hub
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040PFPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB8040PFPR Datasheet HTML 13Page - Texas Instruments TUSB8040PFPR Datasheet HTML 14Page - Texas Instruments TUSB8040PFPR Datasheet HTML 15Page - Texas Instruments TUSB8040PFPR Datasheet HTML 16Page - Texas Instruments TUSB8040PFPR Datasheet HTML 17Page - Texas Instruments TUSB8040PFPR Datasheet HTML 18Page - Texas Instruments TUSB8040PFPR Datasheet HTML 19Page - Texas Instruments TUSB8040PFPR Datasheet HTML 20Page - Texas Instruments TUSB8040PFPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Not Recommended for New Designs
TUSB8040
www.ti.com
SLLSE42I – SEPTEMBER 2010 – REVISED SEPTEMBER 2013
3.3.8
Device Removable Configuration Register
Table 3-16. Register Offset 7h
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 3-17. Bit Descriptions – Device Removable Configuration Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
7:4
RSVD
RO
Reserved. Read only, returns 0 when read.
Removable. The bits in this field indicate whether a device attached to downstream ports 3
through 0 are removable or permanently attached. A value of 0 indicates the device
attached to the port is not removable. A value of 1 indicates the device attached to the port
is removable.
Each bit corresponds directly to a downstream port, i.e. rmbl0 corresponds to downstream
3:0
rmbl[3:0]
RW
port 0.
For the TUSB8040PFP:
The default value for these bits are loaded at the de-assertion of reset with the value of
Four-port hub - rmbl[3:0] defaults to 1111b.
When in I2C/SMBus mode the bits in this field corresponding to the enabled ports per
rmbl[3:0] may be over-written by EEPROM contents or by an SMBus host.
3.3.9
Port Used Configuration Register
Table 3-18. Register Offset 8h
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 3-19. Bit Descriptions – Port Used Configuration Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
7:4
RSVD
RO
Reserved. Read only, returns 0 when read.
Used. The bits in this field indicate whether downstream ports 3 through 0 are enabled or
disabled for use. A value of 0 indicates the port is not used. A value of 1 indicates the port
is used.
Each bit corresponds directly to a downstream port, i.e. used0 corresponds to downstream
port 0.
3:0
used3:0]
RW
For the TUSB8040PFP:
The default value for these bits are loaded at the de-assertion of reset with the value of
Four-port hub - used[3:0] defaults to 1111b.
When in I2C/SMBus mode the bits in this field corresponding to the enabled ports per
used[3:0] may be over-written by EEPROM contents or by an SMBus host.
Copyright © 2010–2013, Texas Instruments Incorporated
FUNCTIONAL DESCRIPTION
17
Submit Documentation Feedback
Product Folder Links: TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com