Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB8040PFPR Datasheet(PDF) 23 Page - Texas Instruments

Part # TUSB8040PFPR
Description  USB 3.0 Four Port Hub
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040PFPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TUSB8040PFPR Datasheet HTML 19Page - Texas Instruments TUSB8040PFPR Datasheet HTML 20Page - Texas Instruments TUSB8040PFPR Datasheet HTML 21Page - Texas Instruments TUSB8040PFPR Datasheet HTML 22Page - Texas Instruments TUSB8040PFPR Datasheet HTML 23Page - Texas Instruments TUSB8040PFPR Datasheet HTML 24Page - Texas Instruments TUSB8040PFPR Datasheet HTML 25Page - Texas Instruments TUSB8040PFPR Datasheet HTML 26Page - Texas Instruments TUSB8040PFPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Not Recommended for New Designs
TUSB8040
www.ti.com
SLLSE42I – SEPTEMBER 2010 – REVISED SEPTEMBER 2013
6
ELECTRICAL SPECIFICATIONS
6.1
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VDD33
-0.3 to 3.8
Steady-state supply voltage
V
VDD11
-0.3 to 1.4
USB 2.0 DP/DM
-0.3 to VDD33 + 0.3
≤ 3.8
SuperSpeed USB TXP/M and RXP/M
-0.3 to VDD33 + 0.3
≤ 3.8
VIO
V
XI/XO
-0.3 to 1.98
3.3-V Tolerant I/O
-0.3 to VDD33 + 0.3
≤ 3.8
VUSB_VBUS
-0.3 to 1.2
V
Tstg
Storage temperature range
-65 to 150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Expose to absolute-maximum-rated conditions for extended periods may affect device reliability
6.2
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD33
3
3.3
3.6
Steady-state supply voltage
V
VDD11
(1)
0.99
1.1
1.26
USB 2.0 DP/DM
0
VDD33
SuperSpeed USB TXP/M and RXP/M
0
VDD33
VIO
V
XI/XO
0
1.8
3.3-V Tolerant I/O
0
VDD33
VUSB_VBUS
0
1.155
V
TA
Operating free-air temperature range
0
25
70
°C
TJ
Operating junction temperature range
0
25
105
°C
(1)
A 1.05-V supply may be used as long as minimum supply conditions are met.
Copyright © 2010–2013, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
23
Submit Documentation Feedback
Product Folder Links: TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com