Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB8040PFPR Datasheet(PDF) 19 Page - Texas Instruments

Part # TUSB8040PFPR
Description  USB 3.0 Four Port Hub
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8040PFPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB8040PFPR Datasheet HTML 15Page - Texas Instruments TUSB8040PFPR Datasheet HTML 16Page - Texas Instruments TUSB8040PFPR Datasheet HTML 17Page - Texas Instruments TUSB8040PFPR Datasheet HTML 18Page - Texas Instruments TUSB8040PFPR Datasheet HTML 19Page - Texas Instruments TUSB8040PFPR Datasheet HTML 20Page - Texas Instruments TUSB8040PFPR Datasheet HTML 21Page - Texas Instruments TUSB8040PFPR Datasheet HTML 22Page - Texas Instruments TUSB8040PFPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Not Recommended for New Designs
TUSB8040
www.ti.com
SLLSE42I – SEPTEMBER 2010 – REVISED SEPTEMBER 2013
3.3.13 Manufacturer String Length Register
Table 3-26. Register Offset 23h
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 3-27. Bit Descriptions – Manufacturer String Length Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
7
RSVD
RO
Reserved. Read only, returns 0 when read.
Manufacturer string length. The string length in bytes for the manufacturer string. The
default value is 0, indicating that a manufacturer string is not provided. The maximum string
length is 64 bytes. If the string length in the Serial Number String Length Register is set to
6:0
mfgStringLen
RW
zero, the Manufacturing String must also be set to a length of zero.
When the field is non-zero, a manufacturer string of mfgStringLen bytes is returned at string
index 3 from the data contained in the Manufacturer String registers.
3.3.14 Product String Length Register
Table 3-28. Register Offset 24h
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 3-29. Bit Descriptions – Product String Length Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
7
RSVD
RO
Reserved. Read only, returns 0 when read.
Product string length. The string length in bytes for the product string. The default value is
0, indicating that a product string is not provided. The maximum string length is 64 bytes.
If the string length in the Serial Number String Length Register is set to zero, the Product
6:0
mfgStringLen
RW
String must also be set to a length of zero.
When the field is non-zero, a product string of prodStringLen bytes is returned at string
index 2 from the data contained in the Product String registers.
3.3.15 Serial Number Registers
Table 3-30. Register Offset 30h-4Fh
BIT NO.
7
6
5
4
3
2
1
0
RESET STATE
x
x
x
xx
x
x
x
x
Table 3-31. Bit Descriptions – Serial Number Byte N Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
Serial Number byte N. The serial number returned in the Serial Number string descriptor at
string index 1. When customSernum is 1, these registers may be over-written by EEPROM
7:0
serialNumber[n]
RW
contents or by an SMBus host. The same serial number will be returned in both the USB
2.0 and USB 3.0 descriptors of the TUSB8040.
Copyright © 2010–2013, Texas Instruments Incorporated
FUNCTIONAL DESCRIPTION
19
Submit Documentation Feedback
Product Folder Links: TUSB8040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com