Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STLVDS385BTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLVDS385BTR
Description  3.3V PROGRAMMABLE LVDS TRANSMITTER 24-BIT FLAT PANEL DISPLAY (FPD) LINK-85MHZ
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS385BTR Datasheet(HTML) 3 Page - STMicroelectronics

  STLVDS385BTR Datasheet HTML 1Page - STMicroelectronics STLVDS385BTR Datasheet HTML 2Page - STMicroelectronics STLVDS385BTR Datasheet HTML 3Page - STMicroelectronics STLVDS385BTR Datasheet HTML 4Page - STMicroelectronics STLVDS385BTR Datasheet HTML 5Page - STMicroelectronics STLVDS385BTR Datasheet HTML 6Page - STMicroelectronics STLVDS385BTR Datasheet HTML 7Page - STMicroelectronics STLVDS385BTR Datasheet HTML 8Page - STMicroelectronics STLVDS385BTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STLVDS385
3/14
TABLE 1 PROGRAMMABLE TRANSMITTER
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
RECOMMENDED OPERATING CONDITIONS
RECOMMENDED TRANSMITTER INPUT CHARACTERISTICS (VCC =3.3V, TJ = -10 to 70°C unless
otherwise noted. Typical values are referred to TA = 25°C)
ELECTRICAL CHARACTERISTICS
LVCMOS/LVTTL DC SPECIFICATIONS (VCC =3.3V, TJ = -10 to 70°C unless otherwise noted. Typical
values are referred to TA = 25°C)
PlN
CONDITION
STROBE STATUS
R_FB
R_FB = VCC
Rising edge strobe
R_FB
R_FB = GND or NC
Falling edge strobe
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to 4
V
VI
CMOS/TTL Input Voltage
-0.5 to (VCC +0.3)
V
VDO
LVDS Driver Output Voltage
-0.3 to (VCC +0.3)
V
IOSD
LVDS Output Short Circuit Duration
Continuous
ESD
HBM
7KV
EIAJ
500
V
ILATCH
Latch Up Tolerance
±300
mA
TJ
Junction Temperature
+150
°C
Tstg
Storage Temperature Range
-65 to +150
°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
TA
Operating Free Air Temperature
0
70
°C
∆V
CC
Supply Noise Voltage
100
mVPP
fTxCLKIN
TxCLKIN frequency
20
85
MHz
Symbol
Parameter
Min.
Typ.
Max.
Unit
tCIT
TxCLK IN Transition Time (Fig. 5)
1.0
6.0
ns
tCIP
TxCLK IN Period (Fig. 6)
11.76
T
50
ns
tCIH
TxCLK IN High Time (Fig. 6)
0.35T
0.5T
0.65T
ns
tCIL
TxCLK IN Low Time (Fig. 6)
0.35T
0.5T
0.65T
ns
tXIT
TxIN Transition Time
1.5
6.0
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIH
High Level Input Voltage
2.0
VCC
mV
VIL
Low Level Input Voltage
GND
0.8
mV
VCL
Input Clamp Voltage
ICL = -18mA
-0.79
-1.5
V
II
Input Current
VI =0.4 V, 2.5 or VCC
10
µA
VI =GND
-10
0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com