Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STLVDS385BTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLVDS385BTR
Description  3.3V PROGRAMMABLE LVDS TRANSMITTER 24-BIT FLAT PANEL DISPLAY (FPD) LINK-85MHZ
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS385BTR Datasheet(HTML) 5 Page - STMicroelectronics

  STLVDS385BTR Datasheet HTML 1Page - STMicroelectronics STLVDS385BTR Datasheet HTML 2Page - STMicroelectronics STLVDS385BTR Datasheet HTML 3Page - STMicroelectronics STLVDS385BTR Datasheet HTML 4Page - STMicroelectronics STLVDS385BTR Datasheet HTML 5Page - STMicroelectronics STLVDS385BTR Datasheet HTML 6Page - STMicroelectronics STLVDS385BTR Datasheet HTML 7Page - STMicroelectronics STLVDS385BTR Datasheet HTML 8Page - STMicroelectronics STLVDS385BTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STLVDS385
5/14
TRANSMITTER SWITCHING CHARACTERISTICS (VCC =3.3V, TJ = -10 to 70°C unless otherwise
noted. Typical values are referred to TA = 25°C)
Note 1: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground
unless otherwise specified (except VOD and ∆VOD).
Note 2: VOS previously referred as VCM.
Note 3: The Minimum and Maximum Limits are based on statistical analysis of the device performance over process, voltage, and tempera-
ture range. This parameter is functionality tested only on Automatic Test Equipment (ATE).
Note 4: The limits are based on bench characterization of the device’s jitter response over the power supply voltage range. Output clock jitter
is measured with a cycle-to-cycle jitter of ± 3ns applied to the input clock signal while data inputs are switching (See Figures 15 and 16). A
jitter event of 3ns, represents worse case jump in the clock edge from most graphics controller VGA chips currently available.
Note 5: The worst case test pattern produces a maximum toggling of digital circuits, LVDS I/O and CMOS/TTL I/O.
Note 6: The 16 grayscale test pattern tests device power consumption for a “typical” LCD display pattern. The test pattern approximates signal
switching needed to produce groups of 16 vertical stripes across the display.
Note 7: Figures 1, 2 show a falling edge data strobe (TxCLK IN/RxCLK OUT).
Note 8: Recommended pin to signal mapping. Customer may choose to define differently.
Symbol
Parameter
Test
Conditions
Min.
Typ.
Max.
Unit
tLLHT
LVDS Low-to-High Transition Time (Fig. 4)
0.75
1.5
ns
tLLLT
LVDS High-to-Low Transition Time (Fig. 4)
0.75
1.5
ns
tTPP0
Transmitter Output Pulse Position for BIT 0
(Fig.11 - Note 3)
f = 40 MHz
-0.25
0
0.25
ns
tTPP1
Transmitter Output Pulse Position for BIT 1
3.32
3.57
3.82
ns
tTPP2
Transmitter Output Pulse Position for BIT 2
6.89
7.14
7.39
ns
tTPP3
Transmitter Output Pulse Position for BIT 3
10.46
10.71
10.96
ns
tTPP4
Transmitter Output Pulse Position for BIT 4
14.04
14.29
14.54
ns
tTPP5
Transmitter Output Pulse Position for BIT 5
17.61
17.86
18.11
ns
tTPP6
Transmitter Output Pulse Position for BIT 6
21.18
21.43
21.68
ns
tTPP0
Transmitter Output Pulse Position for BIT 0
(Fig.11 - Note 3)
f = 65 MHz
-0.20
0
0.20
ns
tTPP1
Transmitter Output Pulse Position for BIT 1
2.00
2.20
2.40
ns
tTPP2
Transmitter Output Pulse Position for BIT 2
4.20
4.40
4.60
ns
tTPP3
Transmitter Output Pulse Position for BIT 3
6.39
6.59
6.79
ns
tTPP4
Transmitter Output Pulse Position for BIT 4
8.59
8.79
8.99
ns
tTPP5
Transmitter Output Pulse Position for BIT 5
10.79
10.99
11.19
ns
tTPP6
Transmitter Output Pulse Position for BIT 6
12.99
13.19
13.99
ns
tTPP0
Transmitter Output Pulse Position for BIT 0
(Fig.11 - Note 3)
f = 85 MHz
-0.20
0
0.20
ns
tTPP1
Transmitter Output Pulse Position for BIT 1
1.48
1.68
1.88
ns
tTPP2
Transmitter Output Pulse Position for BIT 2
3.16
3.36
3.56
ns
tTPP3
Transmitter Output Pulse Position for BIT 3
4.84
5.04
5.24
ns
tTPP4
Transmitter Output Pulse Position for BIT 4
6.52
6.72
6.92
ns
tTPP5
Transmitter Output Pulse Position for BIT 5
8.20
8.40
8.60
ns
tTPP6
Transmitter Output Pulse Position for BIT 6
9.88
10.08
10.28
ns
tSTC
TxIN Setup to TxCLK IN (Fig. 6)
2.5
ns
tHTC
TxIN Hold to TxCLK IN (Fig. 6)
0
ns
tCCD
TxCLK IN to TxCLK OUT Delay (Fig. 7)
TA = 25°C,
VCC =3.3V
3.8
6.3
ns
tCCD
TxCLK IN to TxCLK OUT Delay (Fig. 7)
2.8
7.1
ns
tJCC
Transmitter Jitter Cycle-to-Cycle (Fig. 12 - Note 4)
f = 85 MHz
110
150
ps
f = 65 MHz
210
230
f = 40 MHz
350
370
tPLLS
Transmitter Phase Lock Loop Set (Fig. 8)
10
ms
tPDD
Transmitter Power Down Delay (Fig. 10)
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com