Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STLVDS385BTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLVDS385BTR
Description  3.3V PROGRAMMABLE LVDS TRANSMITTER 24-BIT FLAT PANEL DISPLAY (FPD) LINK-85MHZ
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS385BTR Datasheet(HTML) 4 Page - STMicroelectronics

  STLVDS385BTR Datasheet HTML 1Page - STMicroelectronics STLVDS385BTR Datasheet HTML 2Page - STMicroelectronics STLVDS385BTR Datasheet HTML 3Page - STMicroelectronics STLVDS385BTR Datasheet HTML 4Page - STMicroelectronics STLVDS385BTR Datasheet HTML 5Page - STMicroelectronics STLVDS385BTR Datasheet HTML 6Page - STMicroelectronics STLVDS385BTR Datasheet HTML 7Page - STMicroelectronics STLVDS385BTR Datasheet HTML 8Page - STMicroelectronics STLVDS385BTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
STLVDS385
4/14
LVDS DC SPECIFICATIONS (VCC =3.3V, TJ = -10 to 70°C unless otherwise noted. Typical values are
referred to TA =25°C)
TRANSMITTER SUPPLY CURRENT (VCC =3.3V, TJ = -10 to 70°C unless otherwise noted. Typical
values are referred to TA = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOD
Differential Output Voltage
RL = 100Ω
250
345
450
mV
∆V
OD
Change in VOD between
Complimentary Output
States
RL = 100Ω
35
mV
VOS
Offset Voltage (Note 2)
RL = 100Ω
1.125
1.25
1.375
V
∆V
OS
Change in VOS between
Complimentary Output
States
RL = 100Ω
35
mV
IOS
Output Short Circuit Current VO =0,
RL =100Ω
-3.5
-5
mA
IOZ
Output Tri-State Current
POWERDOWN =0,VO =0or VCC
±1
±10
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICCTW
Transmitter Supply Current
Worst Case
RL = 100Ω, CL = 5pF,
Worst Case Pattern
(Fig. 1, 3)
f=32.5 MHz
31
45
mA
f=40 MHz
32
50
f=65 MHz
37
55
f=85 MHz
42
60
ICCTG
Transmitter Supply Current
16 Grayscale
RL = 100Ω, CL = 5pF,
16 Grayscale Pattern
(Fig. 1, 3)
f=32.5 MHz
29
38
mA
f=40 MHz
30
40
f=65 MHz
35
45
f=85 MHz
39
50
ICCTZ
Transmitter Supply Current
Power Down
Powerdown =Low
Driver Outputs in Tri-State under Power
Down Mode
10
55
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com