Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPE500-48-120-R Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # LPE500-48-120-R
Description  LPE Hot Swap Inverter Shelf
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

LPE500-48-120-R Datasheet(HTML) 3 Page - Astrodyne Corporation

  LPE500-48-120-R Datasheet HTML 1Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 2Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 3Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 4Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 5Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 6Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 7Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 8Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 9Page - Astrodyne Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
INPUT
Input Voltage:
24V: nominal (19-30 VDC)
48V: nominal (40.5-60VDC)
* Custom Voltages Available
Inrush Current Limited:
ETS 300 132-2, 4.7.1
OUTPUT
Output Voltage:
120 and 230 VAC
Output Frequency:
50/60 Hz
Max Output Power:
400 VA per inverter (24V)
500 VA per inverter (48V)
Output Regulation:
Less than 2.0%
Crest Factor:
Maximum 2.8 : 1
Total Harmonic Distortion: <1% typical
Efficiency:
86% typical
DC Noise Injection:
dBRNC < 30
PROTECTION
Input and Output Fuse Protected
Input Undervoltage, Input Overvoltage, Output Overload,
Output Short Circuit, Overtemperature, Output Overvoltage
FRONT PANEL INDICATORS AND ALARMS
Green LED:
Input Good
Bi-Color Red/Green LED: Summary Fault / Output Good
ENVIRONMENTAL
Cooling:
Internal, Variable speed fan
(front to rear airflow)
Operating Temperature:
-20º to +55ºC
Storage Temperature:
-40º to +65ºC
Humidity:
0-95% non-condensing
AGENCY COMPLIANCE
Safety:
UL60950-1, CE Marked to LVD (EN 60950)
Input EMI:
EN 300 386:2000
(EN 55022:1998 Class B)
Output EMI:
EN 55022 Class A
MECHANICAL
Dimensions:
9.3”x5.6”x1.7” (235mm x 142mm x 43mm)
Weight:
3lbs. (1.36 kg)
Inverter Connector:
FCI Power Blade Hot-Plug Connector
(FCI P/N 51935-002)
Mates with FCI Part Number 51915-016
48V or 24VDC Input
True Sine Wave Output
1U High, 11.7” (297mm) Shelf Depth
<1% THD (Total Harmonic Distortion)
RoHS Compliant
Wide Range Temperature Range:
-20ºC to +55ºC at Full Power
Complimentary Static Transfer Switch
FEATURES
SpecificationsTDIPower’sLPE500Seriesprovidestheuserwithtruesinewaveoutput,distortion<1%andefficiency>86%...allinapackage
1U high. These inverters are also capable of N+1 redundant, parallel and synchronized operation. Multiple units can be paralleled
to provide up to 1500VA per 19-inch equipment-mount shelf, or 1000VA N+1. Multiple shelves can be combined to create higher
power solutions.
The LPE series is designed for use in many applications where space is a premium, and true sine wave performance a must!
Applications include solar and wind power generators, fuel cell systems & test standards, micro-cell base stations, customer
premise equipment, network data centers and utility / facility back-up power systems. When combined with rectifier shelves and
batteries, plus TDI Power’s static transfer switch capability, the LPE500 series makes the ideal miniature UPS system for almost
any application.
The LPE SERIES
...allinapackage1Uhigh!
DEMANDINGAPPLICATIONSDEMANDTDIPOWER
LPEHotSwapInverterShelf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com