Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPE500-48-120-R Datasheet(PDF) 5 Page - Astrodyne Corporation

Part # LPE500-48-120-R
Description  LPE Hot Swap Inverter Shelf
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

LPE500-48-120-R Datasheet(HTML) 5 Page - Astrodyne Corporation

  LPE500-48-120-R Datasheet HTML 1Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 2Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 3Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 4Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 5Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 6Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 7Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 8Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 9Page - Astrodyne Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DEMANDINGAPPLICATIONSDEMANDTDIPOWER
LPERVersion
10.7” x 5.6” x 1.5” (272mm x 143mm x 38mm)
LPETSVersion
11.7” x 7.1” x 1.5” (297mm x 180mm x 38mm)
The LPE-R and LPE-TS versions provide stand alone solutions. The R version includes 3 IEC C-13 AC outlets and has a 2 position
DC Input terminal block. The unit can be rack mounted, or with optional mounting brackets the unit can be mounted
virtually anywhere.
The TS version includes a built in transfer switch (<50ms response time) to transfer your load to mains power should the inverter
power be lost due to loss of DC input or any other reason. Built in mounting flanges provide flexible fixing options.
The system simultaneously monitors line voltage and output of
the on-board DC-AC inverters. The on-board Static Transfer
Switch selects the back-up source within 8mSec and returns to a
preferred source automatically when conditions are met.
An on-board manual bypass switch allows the user to perform
maintenance safely and conveniently.
Incorporates up to four modular 400VA/500VA
inverters operating in N+1 parallel redundancy
Solid state transfer switch connects load to AC line or
inverter output
Maintenance by-pass switch permits servicing
system without shutting down host system
Hot Swap Static Transfer Switching Module
CANBus programming & monitoring
FEATURES
2URedundantPowerSystemwithBuiltinHotSwapTransferSwitch
PRELIMIN
ARY
StandAloneModules
Flexible LPE Inverter Solutions...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com