Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPE500-48-120-R Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # LPE500-48-120-R
Description  LPE Hot Swap Inverter Shelf
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

LPE500-48-120-R Datasheet(HTML) 4 Page - Astrodyne Corporation

  LPE500-48-120-R Datasheet HTML 1Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 2Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 3Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 4Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 5Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 6Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 7Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 8Page - Astrodyne Corporation LPE500-48-120-R Datasheet HTML 9Page - Astrodyne Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
908.850.5088 4 tdipower.com 4 info@tdipower.com
MATERIAL & FINISH
Cold Rolled Steel, Zinc Plating
WEIGHT
1U Shelf Empty:
8lbs (3.63kg)
DIMENSIONS
See outline drawing below
MOUNTING
1U Shelf:
Vertical hole spacing 1.25 Inch on Center
INPUT / OUTPUT CONNECTION
DC Input:
2 busbars with #10-32 PEM nuts
AC Output:
2 position terminal block
SIGNALS:
Molex Mini Fit Connector (#43045-1800)
Mates with #43025
Open Isolated:
Fault Alarm
Input Referenced: Remote Enable/Disable
(accepts dry contact or open collector).
The LPE Inverter Shelf
...Specifications
Specifications
LPE Shelf Outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com