Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF24XA-I/MQ Datasheet(PDF) 35 Page - Microchip Technology

Part # MRF24XA-I/MQ
Description  Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24XA-I/MQ Datasheet(HTML) 35 Page - Microchip Technology

Back Button MRF24XA-I/MQ Datasheet HTML 31Page - Microchip Technology MRF24XA-I/MQ Datasheet HTML 32Page - Microchip Technology MRF24XA-I/MQ Datasheet HTML 33Page - Microchip Technology MRF24XA-I/MQ Datasheet HTML 34Page - Microchip Technology MRF24XA-I/MQ Datasheet HTML 35Page - Microchip Technology MRF24XA-I/MQ Datasheet HTML 36Page - Microchip Technology MRF24XA-I/MQ Datasheet HTML 37Page - Microchip Technology MRF24XA-I/MQ Datasheet HTML 38Page - Microchip Technology MRF24XA-I/MQ Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 258 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS70005023C-page 35
MRF24XA
REGISTER 2-17:
TXCON (TRANSMIT CONTROL REGISTER)
ADDRESS: 0x12
R/W/HC-0
R/W-0
R/W/HC-0
R/HS/HC-1
R/W-1
R/W-011
TXST
DTSM
TXENC
TXBUFEMPTY
CSMAEN
DR<2:0>
bit 7
bit 0
Legend: R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
r = Reserved
HC = Hardware Clear
HS = Hardware Set
bit 7
TXST: Transmit Start bit
1 = Starts the transmission of the next TX packet(1, 2)
0 = Termination of current TX operation, which may result in the transmission of an incomplete packet
Hardware Clear:
• Once the packet is successfully transmitted (including all attempted retransmissions, if any), the
hardware clears this bit and sets the TXIF and IDLEIF.
• If the packet transmission fails due to a CSMA failure, this bit is cleared, and TXCSMAIF is set.
• If Acknowledge is requested (AckReq bit field in the transmitted frame is set) and not received
after the configured number of retransmissions (TXRETMCNT), then TXST bit is cleared, and
TXACKIF is set.
• In TX-Streaming mode (TRXMODE), TXST is set even when it is already set, resulting in a
posted start. When the current TX operation completes, the posted start immediately starts
afterward. Clearing of the TXST bit clears both the current and the posted (pending) TX starts.
TXOVFIF is set when TXST = 1, a posted start is present and a Host Controller write to the
packet buffer occurs. Outside of TX-Streaming mode, writes to TXST when TXST is already set
is ignored.
Clearing this bit aborts the current operation in these cases:
• When transmitting a packet in Packet mode or in TX-Streaming mode
• When waiting for an ACK packet after a transmission
• During the CSMA CA algorithm
• When transmitting a repeated frame
This field is read at any time to determine if TX operation is in progress.
bit 6
DTSM: Do Not Touch Security Materials bit(2)
1 = Device does not change the security material configured by the host MCU
0 = Device tries to configure the security material related registers
MCU must fill the following registers: SECNONCE, SECHDRINDX, SECPAYINDX and SECEND-
INDX.
bit 5
TXENC: TX Encryption
Setting this bit starts the TX security processing (authentication or encryption, or both) of the packet
in the buffer it was last written. TXENC is cleared and TXENCIF is set when the processing is com-
plete. TXENC must be issued when NWK layer security needs to be processed. 802.15.4-2003/2006
MAC layer security operation is automatically performed when TXST bit is set. Note that this field
must not be modified while TXST is set.
Note 1: Transmission may include automatic security processing, CRC appending, CSMA-CA channel access,
Acknowledge reception and retransmissions depending on the register Configuration and the Frame Con-
trol field of the frame to be transmitted.
2: DTSM has no relevance in reception as the host can always reconfigure the security material before set-
ting RXDEC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com