Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF24XA-I/MQ Datasheet(PDF) 85 Page - Microchip Technology

Part # MRF24XA-I/MQ
Description  Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
PDF  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24XA-I/MQ Datasheet(HTML) 85 Page - Microchip Technology

Back Button MRF24XA-I/MQ Datasheet HTML 81Page - Microchip Technology MRF24XA-I/MQ Datasheet HTML 82Page - Microchip Technology MRF24XA-I/MQ Datasheet HTML 83Page - Microchip Technology MRF24XA-I/MQ Datasheet HTML 84Page - Microchip Technology MRF24XA-I/MQ Datasheet HTML 85Page - Microchip Technology MRF24XA-I/MQ Datasheet HTML 86Page - Microchip Technology MRF24XA-I/MQ Datasheet HTML 87Page - Microchip Technology MRF24XA-I/MQ Datasheet HTML 88Page - Microchip Technology MRF24XA-I/MQ Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 258 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS70005023C-page 85
MRF24XA
REGISTER 3-16:
PULLGPIO (PULL CONTROL GENERAL PURPOSE I/O REGISTER)
ADDRESS: 0x0F
R-0
R/W-0
R/W-0
R/W-0
R-0
R/W-0
R/W-0
R/W-0
r
PULLDIRGPIO2
PULLDIRGPIO1
PULLDIRGPIO0
r
PULLENGPIO2
PULLENGPIO1
PULLENGPIO0
bit 7
bit 0
Legend: R = Readable bit W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
r = Reserved
bit 7
Reserved: Maintain as ‘0’
bit 6
PULLDIRGPIO2: Pull Direction on GPIO 2 bit
These bits control the 75 kOhm weak-pull circuit direction on GPIO 2 pin.
1 = Pull-up
0 = Pull-down
bit 5
PULLDIRGPIO1: Pull Direction on GPIO 1 bit
These bits control the 75 kOhm weak-pull circuit direction on GPIO 1 pin.
1 = Pull-up
0 = Pull-down
bit 4
PULLDIRGPIO0: Pull Direction on GPIO 0 bit
These bits control the 75 kOhm weak-pull circuit direction on GPIO 0 pin.
1 = Pull-up
0 = Pull-down
bit 3
Reserved: Maintain as ‘0’
bit 2
PULLENGPIO2: Pull Enable on GPIO 2 bit
This bit enables to weak-pull circuit in GPIO 2 pin. Note that when pin is configured to output,
weak-pull circuit automatically disables.
1 = Pull enabled
0 = Pull disabled
bit 1
PULLENGPIO1: Pull Enable on GPIO 1 bit
This bit enables to weak-pull circuit in GPIO 1 pin. Note that when pin is configured to output,
weak-pull circuit automatically disables.
1 = Pull enabled
0 = Pull disabled
bit 0
PULLENGPIO0: Pull Enable on GPIO 0 bit
This bit enables to weak-pull circuit in GPIO 0 pin. Note that when pin is configured to output, weak-
pull circuit automatically disables.
1 = Pull enabled
0 = Pull disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com