Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9104FVM-TR Datasheet(PDF) 13 Page - Rohm

Part # BD9104FVM-TR
Description  Synchronous Buck Converter Integrated FET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9104FVM-TR Datasheet(HTML) 13 Page - Rohm

Back Button BD9104FVM-TR Datasheet HTML 9Page - Rohm BD9104FVM-TR Datasheet HTML 10Page - Rohm BD9104FVM-TR Datasheet HTML 11Page - Rohm BD9104FVM-TR Datasheet HTML 12Page - Rohm BD9104FVM-TR Datasheet HTML 13Page - Rohm BD9104FVM-TR Datasheet HTML 14Page - Rohm BD9104FVM-TR Datasheet HTML 15Page - Rohm BD9104FVM-TR Datasheet HTML 16Page - Rohm BD9104FVM-TR Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13/25
BD9102FVM BD9104FVM
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
TSZ02201-0J3J0AJ00340-1-2
24.Oct.2013 Rev.003
2.
Description of Functions
(1) Soft-Start Function
During start-up, the soft-start circuit gradually establishes the output voltage to limit the input current. This prevents the
overshoot in the output voltage and inrush current.
(2) Shutdown Function
When the EN terminal is “low”, the device operates in Standby Mode and all functional blocks, such as reference
voltage circuit, internal oscillator and drivers, are turned OFF. Circuit current during standby is 0μA (Typ).
(3) UVLO Function
The UVLO circuit detects whether the supplied input voltage is sufficient to obtain the output voltage of this IC. The
UVLO threshold, which has a hysteresis of 50mV to 300mV (Typ), prevents output bouncing.
(4) BD9102FVM BD9104FVM
tSS=1msec(Typ)
Figure 33. Soft Start, Shutdown, UVLO Timing Chart
(5) Short-Circuit Protection with Time Delay Function
To protect the IC from breakdown, the short-circuit protection turns the output OFF when the internal current limiter is
activated continuously for at least 1 ms. The output that is kept off may be turned ON again by restarting EN or by
resetting UVLO.
Figure 34. Short-Circuit Protection with Time Delay Timing Diagram
Hysteresis 100mV
tSS
tSS
tSS
Soft start
Standby mode
Operating mode
Standby
mode
Operating mode
Standby
mode
Operating mode
Standby mode
UVLO
EN
UVLO
UVLO
VCC
EN
VOUT
1msec
Output OFF
latch
EN
VOUT
Limit
IL
Standby
mode
Operating mode
Standby
mode
Operating mode
EN
Timer latch
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com