Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9104FVM-TR Datasheet(PDF) 18 Page - Rohm

Part # BD9104FVM-TR
Description  Synchronous Buck Converter Integrated FET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9104FVM-TR Datasheet(HTML) 18 Page - Rohm

Back Button BD9104FVM-TR Datasheet HTML 14Page - Rohm BD9104FVM-TR Datasheet HTML 15Page - Rohm BD9104FVM-TR Datasheet HTML 16Page - Rohm BD9104FVM-TR Datasheet HTML 17Page - Rohm BD9104FVM-TR Datasheet HTML 18Page - Rohm BD9104FVM-TR Datasheet HTML 19Page - Rohm BD9104FVM-TR Datasheet HTML 20Page - Rohm BD9104FVM-TR Datasheet HTML 21Page - Rohm BD9104FVM-TR Datasheet HTML 22Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
18/25
BD9102FVM BD9104FVM
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
TSZ02201-0J3J0AJ00340-1-2
24.Oct.2013 Rev.003
(4) Calculating RITH, CITH for Phase Compensation
Since the Current Mode Control is designed to limit an inductor current, a pole (phase lag) appears in the low frequency
area due to a RC filter consisting of an output capacitor and a load resistance, while a zero (phase lead) appears in the
high frequency area due to the output capacitor and its ESR. Therefore, the phases are easily compensated by
adding a zero to the power amplifier output with C and R as described below to cancel a pole at the power amplifier.
Stable feedback loop may be achieved by canceling the pole fp (Min) produced by the output capacitor and the load
resistance with RC zero correction by the error amplifier.
Figure 42. Open Loop Gain Characteristics
Figure 43. Error Amp Phase Compensation Characteristics
Pole at power amplifier
When the output current decreases, the load resistance Ro
increases and the pole frequency decreases.
Zero at power amplifier
Increasing capacitance of the output capacitor lowers the pole
frequency while the zero frequency does not change. (This
is because when the capacitance is doubled, the capacitor
ESR is reduced to half.)
GND,PGND
SW
VCC,PVCC
EN
VOUT
ITH
VCC
VOUT
CIN
RITH
CITH
L
ESR
CO
RO
VOUT
Figure 44. Typical Application
Gain
[dB]
Phase
[deg]
A
0
0
-90
fp(Min)
fp(Max)
fZ(ESR)
IOUT MIN
IOUT MAX
A
0
0
-90
fZ(Amp.)
Gain
[dB]
Phase
[deg]
 
load
lighter
with
Hz
Co
R
fp
OMax
Min
2
1
 
load
heavier
with
Hz
Co
R
fp
OMin
Max
2
1
O
O
C
R
fp
2
1
O
ESR
Z
C
ESR
f
2
1
ITH
ITH
Amp
Z
C
R
f
2
1
.)
(
O
Max
O
ITH
ITH
Min
P
Amp
Z
C
R
C
R
f
f
2
1
2
1
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com