Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BD9104FVM-TR Datasheet(PDF) 17 Page - Rohm

Part # BD9104FVM-TR
Description  Synchronous Buck Converter Integrated FET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9104FVM-TR Datasheet(HTML) 17 Page - Rohm

Back Button BD9104FVM-TR Datasheet HTML 13Page - Rohm BD9104FVM-TR Datasheet HTML 14Page - Rohm BD9104FVM-TR Datasheet HTML 15Page - Rohm BD9104FVM-TR Datasheet HTML 16Page - Rohm BD9104FVM-TR Datasheet HTML 17Page - Rohm BD9104FVM-TR Datasheet HTML 18Page - Rohm BD9104FVM-TR Datasheet HTML 19Page - Rohm BD9104FVM-TR Datasheet HTML 20Page - Rohm BD9104FVM-TR Datasheet HTML 21Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
17/25
BD9102FVM BD9104FVM
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
TSZ02201-0J3J0AJ00340-1-2
24.Oct.2013 Rev.003
OUT
OUT
LIMIT
O
V
I
I
C
SS
t
(a) Current exceeding the current rating of the inductor results in magnetic saturation of the inductor, which decreases
efficiency.
The inductor must be selected allowing sufficient margin with which the peak current may not exceed its current
rating.
If VCC=5V, VOUT=3.3V, f=1MHz, ΔIL=0.3×0.8A=0.24A, for example,
(b) Select an inductor with low resistance component (such as DCR and ACR) to minimize dissipation in the inductor
for better efficiency.
(2) Selection of output capacitor (CO)
Since the output rise time is designed to fall within the soft-start time, the capacitance of output capacitor should be
determined with consideration on the requirements of equation (5):
In case of BD9104FVM, for instance, and if VOUT=3.3V, IOUT=0.8A, and tSS=1ms,
 
F
m
C
O
364
3
.
3
8
.
0
2
1
Rating of the capacitor should be determined to allow a sufficient margin against output voltage. A 10 μF to 100 μF
ceramic capacitor is recommended.
(3) Selection of input capacitor (CIN)
A low ESR 10μF/10V ceramic capacitor is recommended to reduce ESR dissipation of input capacitor for better
efficiency.
Output capacitor should be selected with the consideration of stability region and
equivalent series resistance required to minimize the ripple voltage.
Output ripple voltage is determined by the equation (4):
* Rating of the capacitor should be determined allowing sufficient margin
against output voltage. Less ESR allows reduction in output ripple voltage.
Input capacitor must be a low ESR capacitor with capacitance sufficient to cope
with high ripple current to prevent high transient voltage. The ripple current IRMS
is given by the equation (6):
Figure 40. Output Capacitor
< Worst case > IRMS(max)
If VCC=5V, VOUT=3.3V, and IOUTmax=0.8A,
Where:
tSS is the Soft-Start time.
ILIMIT is the Over current detection level, 2A(Typ).
Figure 41. Input Capacitor
VCC
L
CO
VOUT
ESR
VCC
L
CO
VOUT
CIN
 
H
M
L
7
.
4
675
.
4
1
5
24
.
0
3
.
3
3
.
3
5
・・・
(4)
 
V
ESR
I
V
L
OUT
・・・
(6)
 
A
CC
V
OUT
V
CC
V
CC
V
OUT
I
RMS
I
2
I
,
V
the
twice
is
V
When
OUT
OUT
CC
RMS
A
RMS
I
46
.
0
5
3
.
3
5
5
8
.
0
・・・
(5)
Where:
ΔIL is the Output ripple current, and
ESR is the Equivalent series resistance of output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com