Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP39F511-E/MQ Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP39F511-E/MQ
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511-E/MQ Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP39F511-E/MQ Datasheet HTML 26Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 27Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 28Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 29Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 30Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 31Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 32Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 33Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
MCP39F511
DS20005393B-page 30
 2015 Microchip Technology Inc.
Calibration Registers
0x005E
Calibration Register
Delimiter
9.8
R/W
u16
May be used to initiate loading of the default
calibration coefficients at start-up
0x0060
Gain Current RMS
9.3.1
R/W
u16
Gain Calibration Factor for RMS Current
0x0062
Gain Voltage RMS
9.3.1
R/W
u16
Gain Calibration Factor for RMS Voltage
0x0064
Gain Active Power
9.3.1
R/W
u16
Gain Calibration Factor for Active Power
0x0066
Gain Reactive Power
9.3
R/W
u16
Gain Calibration Factor for Reactive Power
0x0068
Offset Current RMS
9.5.1
R/W
s32
Offset Calibration Factor for RMS Current
0x006C
Offset Active Power
9.5.1
R/W
s32
Offset Calibration Factor for Active Power
0x0070
Offset Reactive Power
9.5.1
R/W
s32
Offset Calibration Factor for Reactive Power
0x0074
DC Offset Current
9.5.2
R/W
s16
Offset Calibration Factor for DC Current
0x0076
Phase Compensation
9.4
R/W
s16
Phase Compensation
0x0078
Apparent Power Divisor
5.7
R/W
u16
Number of Digits for apparent power divisor to
match IRMS and VRMS resolution
Design Configuration Registers
0x007A
System Configuration
6.5
R/W
b32
Control for device configuration, including
ADC configuration
0x007E
Event Configuration
7.0
R/W
b16
Settings for the Event pins including Relay
Control
0x0082
Range
6.6
R/W
b32
Scaling factor for Outputs
0x0086
Calibration Current
9.3.1
R/W
u32
Target Current to be used during single-point
calibration
0x008A
Calibration Voltage
9.3.1
R/W
u16
Target Voltage to be used during single-point
calibration
0x008C
Calibration Power Active
9.3.1
R/W
u32
Target Active Power to be used during
single-point calibration
0x0090
Calibration Power Reactive
9.3.1
R/W
u32
Target Active Power to be used during
single-point calibration
0x0094
Line Frequency Reference
9.6.1
R/W
u16
Reference Value for the nominal line
frequency
0x0096
Reserved
—
—
u32
Reserved
0x009A
Reserved
—
—
u32
Reserved
0x009E
Accumulation Interval
Parameter
5.10
R/W
u16
N for 2N number of line cycles to be used
during a single computation cycle
0x00A0
Voltage Sag Limit
7.2.2
R/W
u16
RMS Voltage threshold at which an event flag
is recorded
0x00A2
Voltage Surge Limit
7.2.2
R/W
u16
RMS Voltage threshold at which an event flag
is recorded
0x00A4
Overcurrent Limit
7.2
R/W
u32
RMS Current threshold at which an event flag
is recorded
0x00A8
Overpower Limit
7.2
R/W
u32
Active Power Limit at which an event flag is
recorded
TABLE 6-1:
MCP39F511 REGISTER MAP (CONTINUED)
Address
Register Name
Section
Number
Read/
Write
Data
Type
Description
Note 1:
The registers are unsigned, however their sign is kept as a separate bit in the System Status Register.
2:
These registers are reserved for EMI filter compensation when necessary for power supply monitoring.
They may require specific adjustment depending on PSU parameters, please contact the local Microchip
office for further support.
3:
The Overtemperature event is only available on system versions 0xFA14 and later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com