Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP39F511-E/MQ Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP39F511-E/MQ
Description  Power-Monitoring IC with Calculation and Energy Accumulation
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511-E/MQ Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP39F511-E/MQ Datasheet HTML 54Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 55Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 56Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 57Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 58Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 59Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 60Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 61Page - Microchip Technology MCP39F511-E/MQ Datasheet HTML 62Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
 2015 Microchip Technology Inc.
DS20005393B-page 59
MCP39F511
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP39F511: Power-Monitoring IC with Calculation and
Energy Accumulation
Tape and Reel Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel (1)
Temperature Range:
E
= -40°C to +125°C
Package:
MQ = Plastic Quad Flat, No Lead Package – 5x5x0.9 mm
body (QFN), 28-lead
Examples:
a) MCP39F511-E/MQ:
Extended temperature,
28LD 5x5 QFN package
b) MCP39F511T-E/MQ:
Tape and Reel,
Extended temperature,
28LD 5x5 QFN package
PART NO.
X
Temperature
Range
Device
/XX
Package
[X](1)
Tape and
Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip sales office for package
availability for the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com