Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8345CDT-1.8 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP8345CDT-1.8
Description  Low Dropout, Low IQ, 500mA CMOS Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP8345CDT-1.8 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP8345CDT-1.8 Datasheet HTML 2Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 3Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 9Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LP8345I Electrical Characteristics (Continued)
Unless otherwise specified all limits guaranteed for V
IN =VO+ 1V, CIN =COUT = 10µF, TJ = 25˚C. Boldface limits apply over
the full operating temperature range of T
J = −40˚C to 125˚C
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
∆V
O
Line Regulation
V
OUT + 0.5V
≤V
IN
≤10V, I
OUT = 25mA
(Note 7)
4
15
mV
V
IN −VO
Dropout Voltage
(Note 7) (Note 8)
LP8345-2.5
I
OUT = 500mA
335
650
mV
LP8345-3.3
LP8345-ADJ, V
OUT = 3.3V, IOUT = 500mA
270
500
LP8345-5.0
I
OUT = 500mA
210
400
I
Q
Quiescent Current
V
IN
≤10V
19
50
µA
Minimum Load Current
V
IN −VOUT
≤4V
100
µA
I
LIMIT
Foldback Current Limit
V
IN −VOUT >5V
450
mA
V
IN −VOUT <4V
1200
Ripple Rejection Ratio
V
IN (dc) = VOUT +2V
V
IN (ac) = 1VP-P @ 120Hz
48
55
dB
T
SD
Thermal Shutdown
Temp.
Thermal Shutdown Hyst.
160
10
˚C
ADJ Input Leakage
Current
V
ADJ = 1.5V or 0V
±0.01
±100
nA
V
OUT Leakage Current
LP8345-ADJ
ADJ = OUT, V
OUT = 2V, VIN = 10V
10
µA
LP8345-1.8, V
OUT = 2.5V, VIN = 10V
10
LP8345-2.5, V
OUT = 3.5V, VIN = 10V
10
LP8345-3.3, V
OUT = 4V, VIN = 10V
10
LP8345-5.0, V
OUT = 6V, VIN = 10V
10
e
n
Output Noise
10Hz to 10kHz, R
L =1k
Ω,C
OUT = 10µF
250
µVrms
Note 1: Absolute Maximum ratings indicate limits beyond which damage may occur. Electrical specifications do not apply when operating the device outside of its
rated operating conditions.
Note 2: All voltages are with respect to the potential at the ground pin.
Note 3: Maximum Power dissipation for the device is calculated using the following equations:
where TJ(MAX) is the maximum junction temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance. The value of the θJA for
the LLP package is specifically dependant on the PCB trace area, trace material, and the number of layers and thermal vias. For improved thermal resistance and
power dissipation for the LLP package, refer to Application Note AN-1187.
Note 4: Typical Values represent the most likely parametric norm.
Note 5: All limits are guaranteed by testing or statistical analysis.
Note 6: Human body model 1.5k
Ω in series with 100pF.
Note 7: Condition does not apply to input voltages below 2.7V since this is the minimum input operating voltage.
Note 8: Dropout voltage is measured by reducing VIN until VO drops 100mV from its normal value.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com