Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8345CDT-1.8 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP8345CDT-1.8
Description  Low Dropout, Low IQ, 500mA CMOS Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP8345CDT-1.8 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP8345CDT-1.8 Datasheet HTML 3Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 9Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 10Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Typical Performance Characteristics
Unless otherwise specified, V
IN =VO + 1.5V, CIN =COUT = 10µF X7R ceramic, TJ = 25˚C
Output Voltage Change vs. Temperature
Dropout Voltage vs. Load Current
20064807
20064808
Ground Current vs. Temperature (I
LOAD = 500mA)
Ground Current vs. Load Current
20064809
20064810
Ground Current vs. Input Voltage
Ripple Rejection Ratio vs. Frequency
20064811
20064812
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com