Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8345CDT-1.8 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP8345CDT-1.8
Description  Low Dropout, Low IQ, 500mA CMOS Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP8345CDT-1.8 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP8345CDT-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 9Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 10Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 11Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 12Page - National Semiconductor (TI) LP8345CDT-1.8 Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Applications Section
GENERAL INFORMATION
The LP8345 is a low-dropout, low quiescent current linear
regulator. As shown in Figure 1 it consists of a 1.25V refer-
ence, error amplifier, MOSFET driver, PMOS pass transistor
and for the fixed output versions, an internal feedback net-
work (R
1/R2). In addition, the device is protected from over-
load by a thermal shutdown circuit and a foldback current
limit circuit.
The 1.25V reference is connected to the inverting input of
the error amplifier. Regulation of the output voltage is
achieved by means of negative feedback to the non-
inverting input of the error amplifier. Feedback resistors R
1
and R
2 are either internal or external to the device, depend-
ing on whether it is a fixed voltage version or the adjustable
version. The negative feedback and high open loop gain of
the error amplifier cause the two inputs of the error amp to be
virtually equal in voltage. If the output voltage changes due
to load changes, the error amplifier and MOSFET driver
provide the appropriate drive to the pass transistor to main-
tain the error amplifier’s inputs as virtually equal.
EXTERNAL CAPACITOR
An Input capacitor of 1µF or greater is required between the
LP8345 V
IN pin and ground. While 1µF will provide adequate
bypassing of the V
IN supply larger values of input capacitor
(i.e. 10µF) can provide improved bypassing of power supply
noise.
Stable operation can be achieved with an output capacitor of
1µF or greater, either ceramic X7R dielectric or aluminum/
tantalum electrolytic. While the minimum capacitor value is
1µF, the typical output capacitor values selected range from
1µF to 10µF. The larger values provide improved load-
transient response, power supply rejection and stability.
OUTPUT VOLTAGE SETTING (ADJ VERSION ONLY)
The output voltage is set according to the amount of nega-
tive feedback (Note that the pass transistor inverts the feed-
back signal). This feedback is determined by R
1 and R2 with
the resulting output voltage represented by the following
equation:
Use the following equation to determine the values of R
1 and
R
2 for a desired VOUT (R2 = 100
Ω is recommended).
MINIMUM LOAD CURRENT
A minimum load of 100µA is required for regulation and
stability over the entire operating temperature range. If ac-
tual load current fall below 100µA it is recommended that a
resistor of value R
L =VO/100µA be placed between VO and
ground.
20064803
FIGURE 1. LP8345 Functional Block Diagram
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com