Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV376IDBVR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV376IDBVR
Description  TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV376IDBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV376IDBVR Datasheet HTML 13Page - Texas Instruments TLV376IDBVR Datasheet HTML 14Page - Texas Instruments TLV376IDBVR Datasheet HTML 15Page - Texas Instruments TLV376IDBVR Datasheet HTML 16Page - Texas Instruments TLV376IDBVR Datasheet HTML 17Page - Texas Instruments TLV376IDBVR Datasheet HTML 18Page - Texas Instruments TLV376IDBVR Datasheet HTML 19Page - Texas Instruments TLV376IDBVR Datasheet HTML 20Page - Texas Instruments TLV376IDBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
+
100W
R
6
100W
1kW
1kW
½
TLV2376
½
TLV2376
10 F
m
10 F
m
C
2
33 F
m
10 F
m
10kW
+
R
1
2.7kW
R
9
4.7kW
R
8
4.7kW
33 F
m
D
1
5.1V
2
R
7
100W
C
3
33 F
m
3
2
3
1
1
R
G
R
10
6.8kW
R
11
6.8kW
3.3kW
3.3kW
Phantom Power
(Provides power source for microphone)
48V
1 F
m
INA163
-15V
+15V
Microphone
Typical microphone input circuit used in mixing consoles.
Low-level differential audio signal
is transmitted differentially on the
same cable as power to the microphone.
Panasonic
WM-034CY
Copyright © 2016, Texas Instruments Incorporated
17
TLV376, TLV2376, TLV4376
www.ti.com
SBOS755 – OCTOBER 2016
Product Folder Links: TLV376 TLV2376 TLV4376
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Application Information (continued)
8.1.5 Phantom-Powered Microphone
The circuit shown in Figure 28 depicts how a remote microphone amplifier can be powered by a phantom source
on the output side of the signal cable. The cable serves double duty, carrying both the differential output signal
from and dc power to the microphone amplifier stage.
A TLV2376 serves as a single-ended input to a differential output amplifier with a 6-dB gain. Common-mode bias
for the two op amps is provided by the dc voltage developed across the electret microphone element. A 48-V
phantom supply is reduced to 5.1 V by the series 6.8-k
Ω resistors on the output side of the cable, and the 4.7 kΩ
and zener diode on the input side of the cable. AC coupling blocks the different dc voltage levels from each other
on each end of the cable.
An INA163 instrumentation amplifier provides differential inputs and receives the balanced audio signals from the
cable. The INA163 gain can be set from 0 dB to 80 dB by selecting the RG value. The INA163 circuit is typical of
the input circuitry used in mixing consoles.
Figure 28. Phantom-Powered Electret Microphone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com