Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV376IDBVR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLV376IDBVR
Description  TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV376IDBVR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV376IDBVR Datasheet HTML 15Page - Texas Instruments TLV376IDBVR Datasheet HTML 16Page - Texas Instruments TLV376IDBVR Datasheet HTML 17Page - Texas Instruments TLV376IDBVR Datasheet HTML 18Page - Texas Instruments TLV376IDBVR Datasheet HTML 19Page - Texas Instruments TLV376IDBVR Datasheet HTML 20Page - Texas Instruments TLV376IDBVR Datasheet HTML 21Page - Texas Instruments TLV376IDBVR Datasheet HTML 22Page - Texas Instruments TLV376IDBVR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Frequency (Hz)
-60
-40
-20
0
20
100
1k
10k
100k
1M
19
TLV376, TLV2376, TLV4376
www.ti.com
SBOS755 – OCTOBER 2016
Product Folder Links: TLV376 TLV2376 TLV4376
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Application (continued)
8.2.3 Application Curve
Figure 30. Measured Frequency Response of the Second-Order, Low-Pass Filter
9 Power Supply Recommendations
The TLVx376 family of devices are specified for operation from 2.2 V to 5.5 V (±1.1 V to ±2.75 V); many
specifications apply from –40°C to +125°C. Parameters that can exhibit significant variance with regard to
operating voltage or temperature are presented in the Typical Characteristics section.
10 Layout
10.1 Layout Guidelines
For best operational performance of the device, use good printed circuit board (PCB) layout practices, including:
•
Noise can propagate into analog circuitry through the power pins of the circuit as a whole and the op amp
itself. Bypass capacitors are used to reduce the coupled noise by providing low-impedance power
sources local to the analog circuitry.
–
Connect low-equivalent series resistance (ESR), 0.1-µF ceramic bypass capacitors between each
supply pin and ground, placed as close to the device as possible. A single bypass capacitor from V+
to ground is applicable for single-supply applications.
•
Separate grounding for analog and digital portions of circuitry is one of the simplest and most-effective
methods of noise suppression. One or more layers on multilayer PCBs are usually devoted to ground
planes. A ground plane helps distribute heat and reduces electromagnetic interference (EMI) noise
pickup. Make sure to physically separate digital and analog grounds paying attention to the flow of the
ground current. For more detailed information, see the Circuit Board Layout Techniques application
report.
•
In order to reduce parasitic coupling, run the input traces as far away from the supply or output traces as
possible. If these traces cannot be kept separate, crossing the sensitive trace perpendicular is much
better as opposed to in parallel with the noisy trace.
•
Place the external components as close to the device as possible. As illustrated in Figure 32, keeping RF
and RG close to the inverting input minimizes parasitic capacitance.
•
Keep the length of input traces as short as possible. Always remember that the input traces are the most
sensitive part of the circuit.
•
Consider a driven, low-impedance guard ring around the critical traces. A guard ring can significantly
reduce leakage currents from nearby traces that are at different potentials.
•
Cleaning the PCB following board assembly is recommended for best performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com