Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV376IDBVR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLV376IDBVR
Description  TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV376IDBVR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV376IDBVR Datasheet HTML 14Page - Texas Instruments TLV376IDBVR Datasheet HTML 15Page - Texas Instruments TLV376IDBVR Datasheet HTML 16Page - Texas Instruments TLV376IDBVR Datasheet HTML 17Page - Texas Instruments TLV376IDBVR Datasheet HTML 18Page - Texas Instruments TLV376IDBVR Datasheet HTML 19Page - Texas Instruments TLV376IDBVR Datasheet HTML 20Page - Texas Instruments TLV376IDBVR Datasheet HTML 21Page - Texas Instruments TLV376IDBVR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
4
1
C
3
4
2
5
R
Gain
R
1
f
1 R R C C
2
S
1 3
2
5
2
2
1
3
4
3
4
2
5
1 R R C C
Output
s
Input
s
s C
1 R
1 R
1 R
1 R R C C
+
±
TLV376
Output
Input
R1
590
R4
2.94 k
R3
499
C2
39 nF
C5
1 nF
Copyright © 2016, Texas Instruments Incorporated
18
TLV376, TLV2376, TLV4376
SBOS755 – OCTOBER 2016
www.ti.com
Product Folder Links: TLV376 TLV2376 TLV4376
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.2 Typical Application
Figure 29. Second-Order, Low-Pass Filter
8.2.1 Design Requirements
Low-pass filters are commonly employed in signal-processing applications to reduce noise and prevent aliasing.
The TLV376 is ideally suited to construct high-speed, high-precision active filters. Figure 29 shows a second-
order, low-pass filter commonly encountered in signal-processing applications.
Use the following parameters for this design example:
•
Gain = 5 V/V (inverting gain)
•
Low-pass cutoff frequency = 25 kHz
•
Second-order Chebyshev filter response with 3-dB gain peaking in the passband
8.2.2 Detailed Design Procedure
The infinite-gain multiple-feedback circuit for a low-pass network function is shown in the Application Curve
section. Use Equation 1 to calculate the voltage transfer function.
(1)
This circuit in Figure 29 produces a signal inversion. For this circuit, the gain at dc and the low-pass cutoff
frequency are calculated by Equation 2:
(2)
Software tools are readily available to simplify filter design. The WEBENCH® filter designer is a simple, powerful,
and easy-to-use active filter design program. The WEBENCH® filter designer allows optimized filter designs to
be created by using a selection of TI operational amplifiers and passive components from TI's vendor partners.
Available as a web-based tool from the WEBENCH® design center, the WEBENCH® filter designer allows
complete multistage active filter solutions to be designed, optimized, and simulated within minutes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com